Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 100 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices AD6684 Datasheet HTML 103Page - Analog Devices AD6684 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 100 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
JESD204B test mode
patterns
0x0
R/W
0
Normal operation(test mode disabled).
1
Alternating checkerboard.
10
1/0 word toggle.
11
31-bit PN sequence: x31 + x28 + 1.
100
23-bit PN sequence: x23 + x18 + 1.
101
15-bit PN sequence: x15 + x14 + 1.
110
9-bit PN sequence: x9 + x5 + 1.
111
7-bit PN sequence: x7 + x6 + 1.
1000
Ramp output.
1110
Continuous/repeat user test.
1111
Single user test.
0x0574
JESD204B
map JTX
Link
Control 4
[7:4]
ILAS delay
0x0
R/W
0
Transmit ILAS on first LMFC after SYNCINB±x
is deasserted.
1
Transmit ILAS on second LMFC after
SYNCINB± is deasserted.
10
Transmit ILAS on third LMFC after
SYNCINB±x is deasserted.
11
Transmit ILAS on fourth LMFC after
SYNCINB± is deasserted.
100
Transmit ILAS on fifth LMFC after SYNCINB±x
is deasserted.
101
Transmit ILAS on sixth LMFC after
SYNCINB±x is deasserted.
110
Transmit ILAS on seventh LMFC after
SYNCINB±x is deasserted.
111
Transmit ILAS on eightth LMFC after
SYNCINB±x is deasserted.
1000
Transmit ILAS on nineth LMFC after
SYNCINB±x is deasserted.
1001
Transmit ILAS on 10th LMFC after
SYNCINB±x is deasserted.
1010
Transmit ILAS on 11th LMFC after
SYNCINB±x is deasserted.
1011
Transmit ILAS on 12th LMFC after
SYNCINB±x is deasserted.
1100
Transmit ILAS on 13th LMFC after
SYNCINB±x is deasserted.
1101
Transmit ILAS on 14th LMFC after
SYNCINB±x is deasserted.
1110
Transmit ILAS on 15th LMFC after
SYNCINB±x is deasserted.
1111
Transmit ILAS on 16th LMFC after
SYNCINB±x is deasserted.
3
Reserved
Reserved.
0x0
R
[2:0]
Link layer test mode
0x0
R/W
000
Normal operation (link layer test mode
disabled).
001
Continuous sequence of /D21.5/ characters.
010
Reserved.
011
Reserved.
100
Modified RPAT test sequence.
101
JSPAT test sequence.
110
JTSPAT test sequence.
111
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com