Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 101 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices AD6684 Datasheet HTML 103Page - Analog Devices AD6684 Datasheet HTML 104Page - Analog Devices AD6684 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 101 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0578
JESD204B
map JTX
LMFC offset
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
LMFC phase offset value
LMFC phase offset value; reset value for
LMFC phase counter when SYSREF± is
asserted. Used for deterministic delay
applications.
0x0
R/W
0x0580
JESD204B
map JTX DID
config-
uration
[7:0]
JESD204B Tx DID value
JESD204B serial device identification (DID)
number.
0x0
R/W
0x0581
JESD204B
map JTX BID
config-
uration
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
JESD204B Tx BID value
JESD204B serial bank identification (BID)
number (extension to DID).
0x0
R/W
0x0583
JESD204B
map JTX
LID0 config-
uration
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Lane 0 LID value
JESD204B serial lane identification (LID)
number for Lane 0.
0x0
R/W
0x0585
JESD204B
map JTX
LID1 config-
uration
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Lane 1 LID Value
JESD204B serial lane identification (LID)
number for Lane 1.
0x2
R/W
0x058B
JESD204B
map JTX
SCR L
config-
uration
7
JESD204B scrambling (SCR)
0x1
R/W
0
JESD204B scrambler disabled. SCR = 0.
1
JESD204B scrambler enabled. SCR = 1.
[6:5]
Reserved
Reserved.
0x0
R
[4:0]
JESD204B lanes (L)
0x1
R
0x0
One lane per link (L = 1).
0x1
Two lanes per link (L = 2).
0x058C
JESD204B
map JTX F
config-
uration
[7:0]
Number of octets per
frame (F)
Number of octets per frame.
F = Register 0x058C, Bits[7:0] + 1.
0x1
R
0x058D
JESD204B
map JTX K
config-
uration
[7:5]
Reserved
Reserved.
0x0
R
[4:0]
Number of frames per
multiframe (K)
JESD204B number of frames per multi-
frame (K = Register 0x058D, Bits[4:0] + 1).
Only values where F × K are divisible by 4
can be used.
0x1F
R/W
00011
K = 4.
00111
K = 8.
01100
K = 12.
01111
K = 16.
10011
K = 20.
10111
K = 24.
11011
K = 28.
11111
K = 32.
0x058E
JESD204B
Map JTX M
config-
uration
[7:0]
Number of converters per
link
0x1
R
00000000
Link connected to one virtual converter
(M = 1).
00000001
Link connected to two virtual converters
(M = 2).
00000011
Link connected to four virtual converters
(M = 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com