Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6684 Datasheet HTML 40Page - Analog Devices AD6684 Datasheet HTML 41Page - Analog Devices AD6684 Datasheet HTML 42Page - Analog Devices AD6684 Datasheet HTML 43Page - Analog Devices AD6684 Datasheet HTML 44Page - Analog Devices AD6684 Datasheet HTML 45Page - Analog Devices AD6684 Datasheet HTML 46Page - Analog Devices AD6684 Datasheet HTML 47Page - Analog Devices AD6684 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 44 of 107
DDC GAIN STAGE
Each DDC contains an independently controlled gain stage.
The gain is selectable as either 0 dB or 6 dB. When mixing a real
input signal down to baseband, it is recommended that the user
enable the 6 dB of gain to recenter the dynamic range of the
signal within the full scale of the output bits.
When mixing a complex input signal down to baseband, the mixer
has already recentered the dynamic range of the signal within
the full scale of the output bits, and no additional gain is necessary.
However, the optional 6 dB gain compensates for low signal
strengths. The downsample by 2 portion of the HB1 FIR filter is
bypassed when using the complex to real conversion stage.
DDC COMPLEX TO REAL CONVERSION
Each DDC contains an independently controlled complex to
real conversion block. The complex to real conversion block
reuses the last filter (HB1 FIR) in the filtering stage along with
an fS/4 complex mixer to upconvert the signal. After upconvert-
ing the signal, the Q portion of the complex mixer is no longer
needed and is dropped.
Figure 81 shows a simplified block diagram of the complex to
real conversion.
LOW-PASS
FILTER
2
I
Q
REAL
HB1 FIR
LOW-PASS
FILTER
2
HB1 FIR
0
1
COMPLEX TO
REAL ENABLE
Q
90°
0°
+
–
COMPLEX TO REAL CONVERSION
I
Q
I
Q
GAIN STAGE
cos(ωt)
sin(ωt)
fS/4
I/REAL
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
Figure 81. Complex to Real Conversion Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com