Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6684 Datasheet HTML 2Page - Analog Devices AD6684 Datasheet HTML 3Page - Analog Devices AD6684 Datasheet HTML 4Page - Analog Devices AD6684 Datasheet HTML 5Page - Analog Devices AD6684 Datasheet HTML 6Page - Analog Devices AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices AD6684 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 6 of 107
AC SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.8 V,
SPIVDD = 1.8 V, specified maximum sampling rate, clock divider = 4, 1.8 V p-p full-scale differential input, 0.5 V internal reference, AIN =
−1.0 dBFS, default SPI settings, VDR mode (input mask not triggered), unless otherwise noted. Minimum and maximum specifications are
guaranteed for the full operating junction temperature (TJ) range of −40°C to +105°C. Typical specifications represent performance at TJ = 50°C
(TA = 25°C).
Table 2.
Parameter1
Analog Input Full Scale =
1.44 V p-p
Analog Input Full Scale =
1.80 V p-p
Analog Input Full Scale =
2.16 V p-p
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ANALOG INPUT FULL SCALE
1.44
1.80
2.16
V p-p
NOISE DENSITY2
−149.7
−151.5
−153.0
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
VDR Mode
fIN = 10 MHz
65.4
67.1
68.4
dBFS
fIN = 155 MHz
65.3
64.8
67.0
68.3
dBFS
fIN = 305 MHz
65.2
66.8
68.0
dBFS
fIN = 450 MHz
65.0
66.6
67.8
dBFS
fIN = 765 MHz
64.8
66.5
67.5
dBFS
fIN = 985 MHz
64.5
66.0
66.9
dBFS
21% Bandwidth (BW) Mode
(>105 MHz at 500 MSPS)
fIN = 10 MHz
72.1
73.8
75.1
dBFS
fIN = 155 MHz
71.8
73.5
74.8
dBFS
fIN = 305 MHz
71.9
73.5
74.7
dBFS
fIN = 450 MHz
71.6
73.2
74.4
dBFS
fIN = 765 MHz
71.0
72.7
73.7
dBFS
fIN = 985 MHz
70.6
72.1
73.0
dBFS
28% BW Mode (>135 MHz at
500 MSPS)
fIN = 10 MHz
69.6
71.3
72.6
dBFS
fIN = 155 MHz
69.1
70.8
72.1
dBFS
fIN = 305 MHz
69.1
70.7
71.9
dBFS
fIN = 450 MHz
69.4
71.0
72.2
dBFS
fIN = 765 MHz
68.5
70.2
71.2
dBFS
fIN = 985 MHz
68.5
70.0
70.9
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION
RATIO (SINAD)3
fIN = 10 MHz
65.3
67.0
68.2
dBFS
fIN = 155 MHz
65.2
64.5
66.8
67.9
dBFS
fIN = 305 MHz
65.1
66.6
67.6
dBFS
fIN = 450 MHz
65.0
66.4
67.3
dBFS
fIN = 765 MHz
64.7
66.1
66.9
dBFS
fIN = 985 MHz
64.2
65.5
66.2
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)3
fIN = 10 MHz
10.5
10.8
11.0
Bits
fIN = 155 MHz
10.5
10.4
10.8
10.9
Bits
fIN = 305 MHz
10.5
10.7
10.9
Bits
fIN = 450 MHz
10.5
10.7
10.8
Bits
fIN = 765 MHz
10.4
10.6
10.8
Bits
fIN = 985 MHz
10.3
10.6
10.7
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com