Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 56 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6684 Datasheet HTML 52Page - Analog Devices AD6684 Datasheet HTML 53Page - Analog Devices AD6684 Datasheet HTML 54Page - Analog Devices AD6684 Datasheet HTML 55Page - Analog Devices AD6684 Datasheet HTML 56Page - Analog Devices AD6684 Datasheet HTML 57Page - Analog Devices AD6684 Datasheet HTML 58Page - Analog Devices AD6684 Datasheet HTML 59Page - Analog Devices AD6684 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 56 of 107
FUNCTIONAL OVERVIEW
The block diagram in Figure 90 shows the flow of data through
each of the two JESD204B links from the sample input to the
physical output. The processing can be divided into layers that
are derived from the open source initiative (OSI) model widely
used to describe the abstraction layers of communications
systems. These layers are the transport layer, data link layer, and
physical layer (serializer and output driver).
Transport Layer
The transport layer handles packing the data (consisting of
samples and optional control bits) into JESD204B frames that
are mapped to 8-bit octets. These octets are sent to the data link
layer. The transport layer mapping is controlled by rules derived
from the link parameters. Tail bits are added to fill gaps where
required. The following equation can be used to determine the
number of tail bits within a sample (JESD204B word):
T = N΄ – N – CS
Data Link Layer
The data link layer is responsible for the low level functions of
passing data across the link. These functions include optionally
scrambling the data, inserting control characters for multichip
synchronization, lane alignment, or monitoring, and encoding
8-bit octets into 10-bit symbols. The data link layer is also
responsible for sending the initial lane alignment sequence
(ILAS), which contains the link configuration data used by the
receiver to verify the settings in the transport layer.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. In this layer, parallel data is converted into
one, two, or four lanes of high speed differential serial data.
JESD204B LINK ESTABLISHMENT
The AD6684 JESD204B transmitter (Tx) interface operates in
Subclass 1 as defined in the JEDEC Standard 204B (July 2011
specification). The link establishment process is divided into the
following steps: code group synchronization and SYNCINB±AB/
SYNCINB±CD, initial lane alignment sequence, and user data
and error correction.
Code Group Synchronization (CGS) and SYNCINB±
The CGS is the process by which the JESD204B receiver finds
the boundaries between the 10-bit symbols in the stream of
data. During the CGS phase, the JESD204B transmit block
transmits /K28.5/ characters. The receiver must locate /K28.5/
characters in its input data stream using clock and data recovery
(CDR) techniques.
The receiver issues a synchronization request by asserting the
SYNCINB±AB and SYNCINB±CD pins of the AD6684 low.
The JESD204B Tx then begins sending /K/ characters. After the
receiver synchronizes, it waits for the correct reception of at
least four consecutive /K/ symbols. It then deasserts SYNCINB±AB
and SYNCINB±CD. The AD6684 then transmits an ILAS on
the following local multiframe clock (LMFC) boundary.
For more information on the code group synchronization
phase, refer to the JEDEC Standard JESD204B, July 2011,
Section 5.3.3.1.
The SYNCINB±AB and SYNCINB±CD pin operation can also
be controlled by the SPI. The SYNCINB±AB and SYNCINB±CD
signals are differential LVDS mode signals by default, but can
also be driven single-ended. For more information on configuring
the SYNCINB±AB and SYNCINB±CD pin operation, refer to
Register 0x0572.
Initial Lane Alignment Sequence (ILAS)
The ILAS phase follows the CGS phase and begins on the next
LMFC boundary. The ILAS consists of four mulitframes, with
an /R/ character marking the beginning and an /A/ character
marking the end. The ILAS begins by sending an /R/ character
followed by 0 to 255 ramp data for one multiframe. On the
second multiframe, the link configuration data is sent, starting
with the third character. The second character is a /Q/ character
to confirm that the link configuration data follows. All
undefined data slots are filled with ramp data. The ILAS
sequence is never scrambled.
The ILAS sequence construction is shown in Figure 91. The
four multiframes include the following:
Multiframe 1. Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
Multiframe 2. Begins with an /R/ character followed by a
/Q/ (/K28.4/) character, followed by link configuration
parameters over 14 configuration octets (see Table 32) and
ends with an /A/ character. Many of the parameter values
are of the value – 1 notation.
Multiframe 3. Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
Multiframe 4. Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
K K R D
D A R Q C
C D
D A R D
D A R D
D A D
START OF
ILAS
START OF LINK
CONFIGURATION DATA
END OF
MULTIFRAME
START OF
USER DATA
Figure 91. Initial Lane Alignment Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com