Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 28 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices AD6684 Datasheet HTML 28Page - Analog Devices AD6684 Datasheet HTML 29Page - Analog Devices AD6684 Datasheet HTML 30Page - Analog Devices AD6684 Datasheet HTML 31Page - Analog Devices AD6684 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 28 of 107
ADC OVERRANGE AND FAST DETECT
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overrange bit in the JESD204B outputs provides
information on the state of the analog input that is of limited
usefulness. Therefore, it is helpful to have a programmable
threshold below full scale that allows time to reduce the gain
before the clip actually occurs. In addition, because input signals
can have significant slew rates, the latency of this function is of
major concern. Highly pipelined converters can have significant
latency. The AD6684 contains fast detect circuitry for individual
channels to monitor the threshold and to assert the FD_A,
FD_B, FD_C, and FD_D pins.
ADC OVERRANGE
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange indicator can
be embedded within the JESD204B link as a control bit. The
latency of this overrange indicator matches the sample latency.
FAST THRESHOLD DETECTION (FD_A, FD_B, FD_C
AND FD_D)
The FD bits (Register 0x0040, Bits[5:0]) are immediately set
whenever the absolute value of the input signal exceeds the
programmable upper threshold level. The FD bits are only
cleared when the absolute value of the input signal drops below
the lower threshold level for greater than the programmable
dwell time. This feature provides hysteresis and prevents the
FD bits from excessively toggling.
The operation of the upper threshold and lower threshold
registers, along with the dwell time registers, is shown in
Figure 68.
The FD indicator is asserted if the input magnitude exceeds the
value programmed in the fast detect upper threshold registers,
located at Register 0x0247 and Register 0x0248. The selected
threshold register is compared with the signal magnitude at the
output of the ADC. The fast upper threshold detection has a
latency of 30 clock cycles (maximum). The approximate upper
threshold magnitude is defined by
Upper Threshold Magnitude (dBFS) = 20log (Threshold
Magnitude/213)
The FD indicators are not cleared until the signal drops below
the lower threshold for the programmed dwell time. The lower
threshold is programmed in the fast detect lower threshold
registers, located at Register 0x0249 and Register 0x024A. The
fast detect lower threshold register is a 13-bit register that is
compared with the signal magnitude at the output of the ADC.
This comparison is subject to the ADC pipeline latency, but is
accurate in terms of converter resolution. The lower threshold
magnitude is defined by
Lower Threshold Magnitude (dBFS) = 20log (Threshold
Magnitude/213)
For example, to set an upper threshold of −6 dBFS, write 0xFFF
to Register 0x0247 and Register 0x0248. To set a lower threshold of
−10 dBFS, write 0xA1D to Register 0x0249 and Register 0x024A.
The dwell time can be programmed from 1 to 65,535 sample
clock cycles by placing the desired value in the fast detect dwell
time registers, located at Register 0x024B and Register 0x024C.
See the Memory Map section (Register 0x040, and Register 0x245
to Register 0x24C in Table 45) for more details.
UPPER THRESHOLD
LOWER THRESHOLD
FD_A OR FD_B
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 68. Threshold Settings for the FD_A and FD_B Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com