Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 73 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD6684 Datasheet HTML 69Page - Analog Devices AD6684 Datasheet HTML 70Page - Analog Devices AD6684 Datasheet HTML 71Page - Analog Devices AD6684 Datasheet HTML 72Page - Analog Devices AD6684 Datasheet HTML 73Page - Analog Devices AD6684 Datasheet HTML 74Page - Analog Devices AD6684 Datasheet HTML 75Page - Analog Devices AD6684 Datasheet HTML 76Page - Analog Devices AD6684 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 73 of 107
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is divided into four sections: the Analog
Devices SPI registers (Register 0x0000 to Register 0x000D and
Register 0x18A6 to Register 0x1A4D), the ADC function registers
(Register 0x003F to Register 0x027A), the DDC, NSR, and VDR
function registers (Register 0x0300 to Register 0x0434), and
the digital outputs and test modes registers (Register 0x0550 to
Register 0x05C6).
Table 45 documents the default hexadecimal value for each
hexadecimal address shown. The column with the heading Bit 7
(MSB) is the start of the default hexadecimal value given. For
example, Address 0x0561, the output mode register, has a
hexadecimal default value of 0x01. This means that Bit 0 = 1,
and the remaining bits are 0s. This setting is the default output
format value, which is twos complement. For more information
on this function and others, see Table 45 and Table 46.
Open and Reserved Locations
All address and bit locations that are not included in Table 45
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise. Writing to these locations is required only when part
of an address location is unassigned (for example, Address 0x0561).
If the entire address location is open (for example,
Address 0x0013), do not write to this address location.
Default Values
After the AD6684 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 45.
Logic Levels
An explanation of logic level terminology follows:
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
X denotes a don’t care bit.
ADC Pair Addressing
The AD6684 functionally operates as two pairs of dual IF
receiver channels. There are two ADCs, two NSR processing
blocks, two VDR processing blocks, and two DDCs in each pair,
resulting in a total of four of each for the AD6684. To access the
SPI registers for each pair, the pair index must be written in
Register 0x0009. The pair index regist must be written prior to
any other SPI write to the AD6684.
Channel-Specific Registers
Some channel setup functions, such as the fast detect control
(Register 0x0247), can be programmed to a different value for
each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in Table 45 as local. These local registers and bits can
be accessed by setting the appropriate Channel A/Channel C or
Channel B/Channel D bits in Register 0x0008. The particular
channel that is addressed is dependent upon the pair selection
written to Register 0x0009. If both bits are set, the subsequent
write affects the registers of both channels. In a read cycle, set
only Channel A/Channel C or Channel B/Channel D to read
one of the two registers. If both bits are set during an SPI read
cycle, the device returns the value for Channel A. If both pairs
and both channels have been selected via Register 0x0009 and
Register 0x0008, then the device returns the value for Channel A.
The names of the registers listed in Table 45 and Table 46 are
prefixed with either global map, channel map, JESD204B map,
or pair map. Registers in the pair map and JESD204B map apply
to a pair of channels, either Pair A/B or Pair C/D. To write registers
in the pair map and the JESD204B map, the pair index register
(Register 0x0009) must be written to address the appropriate
pair. The SPI Configuration A (Register 0x0000), SPI Config-
uration B (Register 0x0001), and pair index (Register 0x0009)
registers are the only registers that reside in the global map.
Registers in the channel map are local to each channel, either
Channel A, Channel B, Channel C, or Channel D. To write registers
in the channel map, the pair index register (Register 0x0009) must
be written first to address the desired pair (Pair A/B or Pair C/D),
followed by writing the channel index register (Register 0x0008)
to select the desired channel (Channel A/Channel C or Channel B/
Channel D). For example, to write Channel A to a test mode (set by
Register 0x0550), first write a value of 0x01 to Register 0x0009 to
select Pair A/B, followed by writing 0x01 to Register 0x0008 to
select Channel A. Then, write Register 0x0550 to the value for
the desired test mode. To write all channels to a test mode (set
by Register 0x0550), first write Register 0x0009 to a value of
0x03 to select both Pair A/B and Pair C/D, followed by writing
Register 0x0008 to a value of 0x03 to select Channel A, Channel B,
Channel C, and Channel D. Next, write Register 0x0550 to the
value for the desired test mode.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to
Register 0x0000, the AD6684 requires 5 ms to recover. When
programming the AD6684 for application setup, ensure that an
adequate delay is programmed into the firmware after asserting
the soft reset and before starting the device setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com