Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6684 Datasheet HTML 20Page - Analog Devices AD6684 Datasheet HTML 21Page - Analog Devices AD6684 Datasheet HTML 22Page - Analog Devices AD6684 Datasheet HTML 23Page - Analog Devices AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices AD6684 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 24 of 107
Analog Input Controls and SFDR Optimization
The AD6684 offers flexible controls for the analog inputs, such
as buffer current and input full-scale adjustment. All of the
available controls are shown in Figure 56.
AIN
CONTROL
(SPI)
10pF
VIN+x
100Ω
VIN–x
AVDD3
AVDD3
VCM
BUFFER
400Ω
100Ω
AVDD3
AVDD3
3.5pF
AVDD3
3.5pF
Figure 56. Analog Input Controls
Using Register 0x1A4C and Register 0x1A4D, the buffer
currents on each channel can be scaled to optimize the SFDR
over various input frequencies and bandwidths of interest. As the
input buffer currents are set, the amount of current required by
the AVDD3 supply changes. This relationship is shown in
Figure 59. For a complete list of buffer current settings, see
Table 46.
10Ω
0.1µF
VIN+x
VIN–x
0.1µF
0.1µF
BALUN
50Ω
AGND
AGND
AGND
10Ω
50Ω
10Ω
10Ω
0Ω
2pF
2pF
2pF
10Ω
10Ω
0Ω
Figure 57. Differential Transformer Coupled Configuration for First and Second Nyquist Frequencies
10Ω
0.1µF
VIN+x
VIN–x
0.1µF
0.1µF
50Ω
AGND
AGND
AGND
DNI
50Ω
DNI
10Ω
0Ω
DNI
DNI
DNI
10Ω
10Ω
0Ω
BALUN
Figure 58. Differential Transformer Coupled Configuration for Third and Fourth Nyquist Zones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com