Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 94 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD6684 Datasheet HTML 90Page - Analog Devices AD6684 Datasheet HTML 91Page - Analog Devices AD6684 Datasheet HTML 92Page - Analog Devices AD6684 Datasheet HTML 93Page - Analog Devices AD6684 Datasheet HTML 94Page - Analog Devices AD6684 Datasheet HTML 95Page - Analog Devices AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 94 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
DDC 1 decimation rate
select
Decimation filter selection. Complex
outputs (complex to real disabled):
0x0
R/W
11
HB1 filter selection (decimate by 2).
00
HB2 + HB1 filter selection (decimate by 4).
01
HB3 + HB2 + HB1 filter selection (decimate
by 8).
10
HB4 + HB3 + HB2 + HB1 filter selection
(decimate by 16).
Real outputs (complex to real enabled):
11
HB1 filter selection (decimate by 1).
00
HB2 + HB1 filter selection (decimate by 2).
01
HB3 + HB2 + HB1 filter selection (decimate
by 4).
10
HB4 + HB3 + HB2 + HB1 filter selection
(decimate by 8).
11
HB1 filter selection: decimate by 1 or 2.
00
HB2 + HB1 filter selection (decimate by 2
or 4).
01
HB3 + HB2 + HB1 filter selection (decimate
by 4 or 8)
10
HB4 + HB3 + HB2 + HB1 filter selection
(decimate by 8 or 16)
0x0331
Pair map
DDC 1 input
select
[7:3]
Reserved
Reserved.
0x0
R
2
DDC 1 Q input select
0x1
R/W
0
Channel A.
1
Channel B.
1
Reserved
Reserved.
0x0
R
0
DDC 1 I input select
0x1
R/W
0
Channel A.
1
Channel B.
0x0334
Pair map
DDC 1 Phase
Increment 0
[7:0]
DDC 1 NCO frequency
value, twos
complement[7:0]
NCO phase increment value. Twos
complement phase increment value for
the NCO. Complex mixing frequency =
(DDC phase increment × fS)/248.
0x0
R/W
0x0335
Pair map
DDC 1 Phase
Increment 1
[7:0]
DDC 1 NCO frequency
value, twos
complement[15:8]
NCO phase increment value. Twos
complement phase increment value for
the NCO. Complex mixing frequency =
(DDC phase increment × fS)/248.
0x0
R/W
0x0336
Pair map
DDC 1 Phase
Increment 2
[7:0]
DDC 1 NCO frequency
value, twos
complement[23:16]
NCO phase increment value. Twos
complement phase increment value for
the NCO. Complex mixing frequency =
(DDC phase increment × fS)/248.
0x0
R/W
0x0337
Pair map
DDC 1 Phase
Increment 3
[7:0]
DDC 1 NCO frequency
value, twos
complement[31:24]
NCO phase increment value. Twos
complement phase increment value for
the NCO. Complex mixing frequency =
(DDC phase increment × fS)/248.
0x0
R/W
0x0338
Pair map
DDC 1 Phase
Increment 4
[7:0]
DDC 1 NCO frequency
value, twos
complement[39:32]
NCO phase increment value. Twos
complement phase increment value for
the NCO. Complex mixing frequency =
(DDC phase increment × fS)/248.
0x0
R/W
0x033A
Pair map
DDC 1 Phase
Increment 5
[7:0]
DDC 1 NCO frequency
value, twos
complement[47:40]
NCO phase increment value. Twos
complement phase increment value for
the NCO. Complex mixing frequency =
(DDC phase increment × fS)/248.
0x0
R/W
0x033D
Pair map
DDC 1 Phase
Offset 0
[7:0]
DDC 1 NCO phase value,
twos complement[7:0]
Twos complement phase offset value for
the NCO.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com