Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 90 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD6684 Datasheet HTML 86Page - Analog Devices AD6684 Datasheet HTML 87Page - Analog Devices AD6684 Datasheet HTML 88Page - Analog Devices AD6684 Datasheet HTML 89Page - Analog Devices AD6684 Datasheet HTML 90Page - Analog Devices AD6684 Datasheet HTML 91Page - Analog Devices AD6684 Datasheet HTML 92Page - Analog Devices AD6684 Datasheet HTML 93Page - Analog Devices AD6684 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 90 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0274
Channel
map signal
monitor
status
control
[7:5]
Reserved
Reserved.
0x0
R
4
Result update
0x0
R/W
1
Status update based on Bits[2:0] (self
clearing).
3
Reserved
Reserved.
0x0
R
[2:0]
Result selection
0x1
R/W
001
Peak detector placed on status readback
signals.
0x0275
Channel
map Signal
Monitor
Status 0
[7:0]
Signal monitor result[7:0]
Signal monitor status result. This 20-bit
value contains the status result calculated
by the signal monitor block. The content is
dependent on the Register 0x0274,
Bits[2:0] bit settings.
0x0
R
0x0276
Channel
map Signal
Monitor
Status 1
[7:0]
Signal monitor result[15:8]
Signal monitor status result. This 20-bit
value contains the status result calculated
by the signal monitor block. The content is
dependent on the Register 0x0274,
Bits[2:0] bit settings.
0x0
R
0x0277
Channel
map Signal
Monitor
Status 2
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
Signal monitor
result[19:16]
Signal monitor status result. This 20-bit
value contains the status result calculated
by the signal monitor block. The content is
dependent on the Register 0x0274,
Bits[2:0] bit settings.
0x0
R
0x0278
Channel map
signal
monitor
status frame
counter
[7:0]
Period count result[7:0]
Signal monitor frame counter status bits.
The frame counter increments whenever
the period counter expires.
0x0
R
0x0279
Channel map
signal
monitor
serial framer
control
[7:2]
Reserved
Reserved.
0x0
R
1
Reserved
Reserved.
0x0
R/W
0
Signal monitor SPORT over
JESD204B enable
0x0
R/W
0
Disabled.
1
Enabled.
0x027A
Channel
map signal
monitor
serial framer
input
selection
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Signal monitor SPORT over
JESD204B peak detector
enable
0x2
R/W
1
Peak detector enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com