Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6684 Datasheet HTML 11Page - Analog Devices AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices AD6684 Datasheet HTML 14Page - Analog Devices AD6684 Datasheet HTML 15Page - Analog Devices AD6684 Datasheet HTML 16Page - Analog Devices AD6684 Datasheet HTML 17Page - Analog Devices AD6684 Datasheet HTML 18Page - Analog Devices AD6684 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 15 of 107
60
65
70
75
80
85
90
SAMPLE RATE (MHz)
SFDR
SNR
Figure 12. SNR/SFDR vs. Sample Rate (fS), fIN = 155 MHz
60
65
70
75
ANALOG INPUT FREQUENCY (MHz)
80
85
95
90
SFDR (dBFS), –40°C
SFDR (dBFS), +105°C
SFDR (dBFS), +50°C
SNRFS, –40°C
SNRFS, +105°C
SNRFS, +50°C
Figure 13. SNR/SFDR vs. Analog Input Frequency (fIN)
66.0
66.1
66.2
66.3
ANALOG INPUT FREQUENCY (MHz)
66.4
66.5
66.6
66.7
66.8
66.9
67.0
67.1
67.2
67.3
67.4
67.5
Figure 14. SNR vs. Analog Input Frequency (fIN), First and Second Nyquist
Zones; AIN at −3 dBFS
ANALOG INPUT FREQUENCY (MHz)
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
Figure 15. SFDR vs. Analog Input Frequency (fIN), First and Second Nyquist
Zones; AIN at −3 dBFS
66.0
ANALOG INPUT FREQUENCY (MHz)
66.5
67.0
67.5
Figure 16. SNR vs. Analog Input Frequency (fIN), Third Nyquist Zone
AIN at −3 dBFS
ANALOG INPUT FREQUENCY (MHz)
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
Figure 17. SFDR vs. Analog Input Frequency (fIN), Third Nyquist Zone; AIN
at −3 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com