Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 99 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 99 Page - Analog Devices

Back Button AD6684 Datasheet HTML 95Page - Analog Devices AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices AD6684 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 99 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
FACI
0x0
R/W
0
Frame alignment character insertion
enabled (JESD204B, Section 5.3.3.4).
1
Frame alignment character insertion
disabled; for debug only (JESD204B,
Section 5.3.3.4)
0
Link control
0x0
R/W
0
JESD204B serial transmit link enabled.
Transmission of the /K28.5/ characters for
code group synchronization is controlled
by the SYNCINB±x signal pin.
1
JESD204B serial transmit link powered
down (held in reset and clock gated).
0x0572
JESD204B
map JTX
Link
Control 2
[7:6]
SYNCINB±AB/
SYNCINB±CD pin control
0x0
R/W
00
Normal mode.
10
Ignore SYNCINB±AB/SYNCINB±CD (force
CGS).
11
Ignore SYNCINB±AB/SYNCINB±CD (force
ILAS/user data).
5
SYNCINB±AB/
SYNCINB±CD pin invert
0x0
R/W
0
SYNCINB±AB/SYNCINB±CD pin not inverted.
1
SYNCINB±AB/SYNCINB±CD pin inverted.
4
SYNCINB±AB/
SYNCINB±CD pin type
0x0
R/W
0
LVDS differential pair SYNC signal input.
1
CMOS single-ended SYNC signal input.
3
Reserved
Reserved.
0x0
R
2
8-bit/10-bit bypass
0x0
R/W
0
8-bit/10-bit enabled.
1
8-bit/10-bit bypassed (the most significant
two bits are 0).
1
8-bit/10-bit bit invert
0x0
R/W
0
Normal.
1
Invert a b c d e f g h i j symbols.
0
Reserved
Reserved.
0x0
R/W
0x0573
JESD204B
map JTX
Link
Control 3
[7:6]
Checksum mode
0x0
R/W
00
Checksum is the sum of all the 8-bit
registers in the link configuration table.
01
Checksum is the sum of all individual link
configuration fields (LSB aligned).
10
Checksum is disabled (set to 0). For test
purposes only.
11
Unused.
[5:4]
Test injection point
0x0
R/W
0
N' sample input.
1
10-bit data at 8-bit/10-bit output (for PHY
testing).
10
8-bit data at scrambler input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com