Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 87 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD6684 Datasheet HTML 83Page - Analog Devices AD6684 Datasheet HTML 84Page - Analog Devices AD6684 Datasheet HTML 85Page - Analog Devices AD6684 Datasheet HTML 86Page - Analog Devices AD6684 Datasheet HTML 87Page - Analog Devices AD6684 Datasheet HTML 88Page - Analog Devices AD6684 Datasheet HTML 89Page - Analog Devices AD6684 Datasheet HTML 90Page - Analog Devices AD6684 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 87 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0121
Pair map
SYSREF
Control 2
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
SYSREF N shot ignore
counter select
0000
Next SYSREF± only (do not ignore).
0x0
R/W
0001
Ignore the first SYSREF± transition.
0010
Ignore the first two SYSREF± transitions.
0011
Ignore the first three SYSREF± transitions.
0100
Ignore the first four SYSREF± transitions.
0101
ignore the first five SYSREF± transitions.
0110
ignore the first six SYSREF± transitions.
0111
ignore the first seven SYSREF± transitions.
1000
ignore the first eight SYSREF± transitions.
1001
ignore the first nine SYSREF± transitions.
1010
ignore the first 10 SYSREF± transitions.
1011
ignore the first 11 SYSREF± transitions.
1100
ignore the first 12 SYSREF± transitions.
1101
ignore the first 13 SYSREF± transitions.
1110
ignore the first 14 SYSREF± transitions.
1111
ignore the first 15 SYSREF± transitions.
0x0123
Pair map
SYSREF
Control 4
7
Reserved
Reserved.
0x0
R
[6:0]
SYSREF± time stamp
delay[6:0]
SYSREF± timestamp delay (in converter
sample clock cycles)
0x40
R/W
0
0 sample clock cycle delay
1
1 sample clock cycle delay
…
127
127 sample clock cycle delay
0x0128
Pair map
SYSREF
Status 1
[7:4]
SYSREF± hold status[7:4]
SYSREF± hold status. See Table 37 for
more information.
0x0
R
[3:0]
SYSREF± setup status[3:0]
SYSREF± setup status. See Table 37 for
more information.
0x0
R
0x0129
Pair map
SYSREF
Status 2
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
Clock divider phase when
SYSREF± is captured
SYSREF± divider phase. These bits
represent the phase of the divider when
SYSREF± is captured.
0x0
R
0000
In phase.
0001
SYSREF± is ½ cycle delayed from clock.
0010
SYSREF± is 1 cycle delayed from clock.
0011
1½ input clock cycles delayed.
0100
2 input clock cycles delayed.
0101
2½ input clock cycles delayed.
…
1111
7½ input clock cycles delayed.
0x012A
Pair map
SYSREF
Status 3
[7:0]
SYSREF± counter [7:0]
(increments when a
SYSREF± is captured)
SYSREF± count. These bits are a running
counter that increments whenever a
SYSREF± event is captured. Thes bits are
reset by Register 0x0120, Bit 6, and wrap
around at 255. Read these bits only while
Register 0x120, Bits[2:1] are disabled.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com