Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 47 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD6684 Datasheet HTML 43Page - Analog Devices AD6684 Datasheet HTML 44Page - Analog Devices AD6684 Datasheet HTML 45Page - Analog Devices AD6684 Datasheet HTML 46Page - Analog Devices AD6684 Datasheet HTML 47Page - Analog Devices AD6684 Datasheet HTML 48Page - Analog Devices AD6684 Datasheet HTML 49Page - Analog Devices AD6684 Datasheet HTML 50Page - Analog Devices AD6684 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 47 of 107
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of
Virtual
Converters
Required
Register Settings2
Two DDCs
4
Real
Real
10% × fS
2
0x0009 = 0x01, 0x02, or 0x03 (pair selection)
0x0200 = 0x22 (two DDCs; I only selected)
0x0201 = 0x02 (chip decimate by 4)
0x0310, 0x0330 = 0x49 (real mixer; 6 dB gain;
variable IF; real output; HB3 + HB2 + HB1 filters)
0x0311 = 0x00 (DDC 0 I input = ADC Channel A/
Channel C; DDC 0 Q input = ADC Channel A/
Channel C)
0x0331 = 0x05 (DDC 1 I input = ADC Channel B/
Channel D; DDC 1 Q input = ADC Channel B/
Channel D)
0x0314, 0x0315, 0x0316, 0x0317, 0x0318, 0x031A,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 =
FTW and POW set as required by application for
DDC 0
0x0334, 0x0335, 0x0336, 0x0337, 0x0338, 0x033A,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342=
FTW and POW set as required by application for
DDC 1
Two DDCs
4
Real
Complex
20% × fS
4
0x0009 = 0x01, 0x02, or 0x03 (pair selection)
0x0200 = 0x02 (two DDCs; I/Q selected)
0x0201 = 0x02 (chip decimate by 4)
0x0310, 0x0330 = 0x40 (real mixer; 6 dB gain;
variable IF; complex output; HB2 + HB1 filters)
0x0311 = 0x00 (DDC 0 I input = ADC Channel A/
Channel C; DDC 0 Q input = ADC Channel A/
Channel C)
0x0331 = 0x05 (DDC 1 I input = ADC Channel B/
Channel D; DDC 1 Q input = ADC Channel B/
Channel D)
0x0314, 0x0315, 0x0316, 0x0317, 0x0318, 0x031A,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 =
FTW and POW set as required by application for
DDC 0
0x0334, 0x0335, 0x0336, 0x0337, 0x0338, 0x033A,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342=
FTW and POW set as required by application for
DDC 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com