Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 58 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD6684 Datasheet HTML 54Page - Analog Devices AD6684 Datasheet HTML 55Page - Analog Devices AD6684 Datasheet HTML 56Page - Analog Devices AD6684 Datasheet HTML 57Page - Analog Devices AD6684 Datasheet HTML 58Page - Analog Devices AD6684 Datasheet HTML 59Page - Analog Devices AD6684 Datasheet HTML 60Page - Analog Devices AD6684 Datasheet HTML 61Page - Analog Devices AD6684 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 58 of 107
The AD6684 digital outputs can interface with custom application
specific integrated circuits (ASICs) and field programmable gate
array (FPGA) receivers, providing superior switching performance
in noisy environments. Single point to point network topologies
are recommended with a single differential 100 Ω termination
resistor placed as close to the receiver inputs as possible. The
common mode of the digital output automatically biases itself
to half the DRVDD1 supply of 1.25 V (VCM = 0.6 V). See Figure 93
for an example of dc coupling the outputs to the receiver logic.
SERDOUTx+
DRVDD
SERDOUTx–
OUTPUT SWING = 300mV p-p
100Ω
RECEIVER
VCM = DRVDD/2
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 93. DC-Coupled Digital Output Termination Example
If there is no far end receiver termination, or if there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches, and that the differential output traces be
close together and at equal lengths.
Figure 94, Figure 95, and Figure 96 show examples of the digital
output data eye, time interval error (TIE) jitter histogram, and
bathtub curve, respectively, for one AD6684 lane running at
15 Gbps. The format of the output data is twos complement by
default. To change the output data format, see the Memory Map
section (Register 0x0561 in Table 45 and Table 46).
De-Emphasis
De-emphasis enables the receiver eye diagram mask to be met
in conditions where the interconnect insertion loss does not
meet the JESD204B specification. Use the preemphasis feature
only when the receiver is unable to recover the clock due to
excessive insertion loss. Under normal conditions, preemphasis
is disabled to conserve power. Additionally, enabling and setting
too high a preemphasis value on a short link can cause the
receiver eye diagram to fail. Use the preemphasis setting with
caution because it can increase electromagnetic interference
(EMI). See the Memory Map section (Registers 0x05C4 and
Register 0x05C6 in Table 45 and Table 46) for more details.
Phase-Locked Loop
The phase-locked loop (PLL) is used to generate the serializer
clock, which operates at the JESD204B lane rate. The status
of the PLL lock can be checked in the PLL lock status bit
(Register 0x056F, Bit 7). This read only bit lets the user know if
the PLL has achieved a lock for the specific setup. The JESD204B
lane rate control bit, Bit 4 of Register 0x056E, must be set to
correspond with the lane rate.
500
–500
–300
–200
–100
0
100
200
300
–60
–40
–20
0
20
40
60
TIME (ps)
400
–400
Tx EYE
MASK
Figure 94. AD6684 Digital Outputs Data Eye Diagram; External 100 Ω
Terminations at 15 Gbps
16000
14000
12000
10000
8000
6000
4000
2000
0
–4
–2
02
46
TIME (ps)
Figure 95. AD6684 Digital Outputs Histogram; External 100 Ω Terminations
at 15 Gbps
1
1–2
1–4
1–6
1–8
1–10
1–12
1–16
1–14
–0.5 –0.4 –0.3
–0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
UI
Figure 96. AD6684 Digital Outputs Bathtub Curve; External 100 Ω
Terminations at 15 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com