Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6684 Datasheet HTML 23Page - Analog Devices AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices AD6684 Datasheet HTML 28Page - Analog Devices AD6684 Datasheet HTML 29Page - Analog Devices AD6684 Datasheet HTML 30Page - Analog Devices AD6684 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 27 of 107
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD6684. Separate the
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original clock
at the last step. Refer to the AN-501 Application Note and the
AN-756 Application Note for more in-depth information about
jitter performance as it relates to ADCs.
Figure 66 shows the estimated SNR of the AD6684 across input
frequency for different clock induced jitter values. The SNR can
be estimated by using the following equation:


 
 
10
10
10
10
10log
(dBFS)
JITTER
ADC
SNR
SNR
SNR
Power-Down/Standby Mode
The AD6684 has a PDWN/STBY pin that can be used to
configure the device in power-down or standby mode. The
default operation is power-down. The PDWN/STBY pin is a
logic high pin. When in power-down mode, the JESD204B link
is disrupted. The power-down option can also be set via
Register 0x003F and Register 0x0040.
In standby mode, the JESD204B link is not disrupted and
transmits zeros for all converter samples. This setting can be
changed using Register 0x0571, Bit 7 to select /K/ characters.
TEMPERATURE DIODE
The AD6684 contains a diode-based temperature sensor for
measuring the temperature of the die. The diode can output a
voltage and serve as a coarse temperature sensor to monitor the
internal die temperature.
The temperature diode voltage can be output to the VCM_CD/
VREF pin using the SPI. Use Register 0x18E6 to enable or disable
the diode. Register 0x18E6 is a local register. Both cores must be
selected in the core index register (Register 0x0009 = 0x03) to
enable the temperature diode readout. It is important to note
that other voltages may be exported to the same pin at the same
time, which may result in undefined behavior. Thus, to ensure a
proper readout, switch off all other voltage exporting circuits as
detailed in this section.
The SPI writes required to export the temperature diode are as
follows (see Table 46 for more information):
1.
Set Register 0x0009 to 0x03 to select both cores.
2.
Set Register 0x18E3 to 0x00 to turn off VCM export.
3.
Set Register 0x18A6 to 0x00 to turn off the voltage
reference.
4.
Set Register 0x18E6 to 0x01 to turn on temperature diode
export. The typical voltage response of the temperature
diode is shown in Figure 67. However, it is recommended
to take measurements from a pair of diodes into account
when introducing another step.
5.
Set Register 0x18E6 to 0x02 to turn on the second
temperature diode (that is, 20× the size) of the pair.
For the method utilizing two diodes simultaneously giving a more
accurate result, see the AN-1432 Application Note, Practical
Thermal Modeling and Measurements in High Power ICs.
0.80
0.75
0.70
0.65
0.60
0.55
0.50
–40
–20
0
20
JUNCTION TEMPERATURE (°C)
40
60
80
100
Figure 67. Temperature Diode Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com