Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 85 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD6684 Datasheet HTML 81Page - Analog Devices AD6684 Datasheet HTML 82Page - Analog Devices AD6684 Datasheet HTML 83Page - Analog Devices AD6684 Datasheet HTML 84Page - Analog Devices AD6684 Datasheet HTML 85Page - Analog Devices AD6684 Datasheet HTML 86Page - Analog Devices AD6684 Datasheet HTML 87Page - Analog Devices AD6684 Datasheet HTML 88Page - Analog Devices AD6684 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 85 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x010A
Pair map
clock divider
SYSREF
control
7
Clock divider auto phase
adjust
0x0
R/W
0
Clock divider phase is not changed by
SYSREF (disabled).
1
Clock divider phase is automatically
adjusted by SYSREF (enabled).
[6:4]
Reserved
Reserved.
0x0
R
[3:2]
Clock divider negative
skew window
0x0
R/W
00
No negative skew; SYSREF must be captured
accurately.
01
1/2 device clock of negative skew.
10
1 device clocks of negative skew.
11
1 1/2 device clocks of negative skew.
[1:0]
Clock divider positive skew
window
0x0
R/W
00
No positive skew; SYSREF must be captured
accurately.
01
1/2 device clock of positive skew.
10
1 device clocks of positive skew.
11
1 1/2 device clocks of positive skew.
0x0110
Pair map
clock delay
control
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
Clock delay mode select
Clock delay mode select; used in conjunction
with Register 0x0111 and Register 0x0112.
0x0
R/W
000
No clock delay.
001
Reserved.
010
Fine delay; only Delay Step 0 to Delay
Step 16 are valid.
011
Fine delay (lowest jitter); only Delay Step 0 to
Delay Step 16 are valid.
100
Fine delay; all 192 delay steps are valid.
101
Reserved (same as 001).
110
Fine delay enabled; all 192 delay steps are
valid. Super fine delay enabled (all 128
delay steps are valid).
0x0111
Channel map
clock super
fine delay
[7:0]
Clock super fine delay
adjust
This is an unsigned control to adjust the
super fine sample clock delay in 0.25 ps
steps.
0x0
R/W
0x00
0 delay steps.
…
0x08
8 delay steps.
…
0x80
128 delay steps.
These bits are only used when
Register 0x0110, Bits[2:0] = 0x2 or 0x6.
0x0112
Channel
map clock
fine delay
[7:0]
Clock fine delay adjust
Clock fine delay adjust. This is an unsigned
control to adjust the fine sample clock
skew in 1.725 ps steps.
0xC0
R/W
0x00
0 delay steps.
…
0x08
8 delay steps.
…
0xC0
192 delay steps.
These bits are only used when
Register 0x0110, Bits[2:0] = 0x2, 0x3, 0x4,
or 0x6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com