Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 98 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD6684 Datasheet HTML 94Page - Analog Devices AD6684 Datasheet HTML 95Page - Analog Devices AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 98 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x056E
JESD204B
map PLL
control
[7:4]
JESD204B lane rate control
0x0
R/W
0000
Lane rate = 6.75 to 13.5 Gbps.
0001
Lane rate = 3.375 Gbps to 6.75 Gbps.
0011
Lane rate = 13.5 to 15 Gbps.
0101
Lane rate = 1.6875 Gbps to 3.375 Gbps.
[3:0]
Reserved
Reserved.
0x0
R
0x056F
JESD204B
map PLL
status
7
PLL lock status
0x0
R
0
Not locked.
1
Locked.
[6:4]
Reserved
Reserved.
0x0
R
3
Reserved
Reserved.
0x0
R
[2:0]
Reserved
Reserved.
0x0
R
0x0570
JESD204B
map JTX
quick
config-
uration
[7:6]
Quick Configuration L
Number of lanes (L) = 2Register0x0570, Bits[7:6]
0x1
R/W
0
L = 1.
1
L = 2.
[5:3]
Quick Configuration M
Number of converters (M) = 2Register0x0570,Bits[5:3]
0x1
R/W
0
M = 1.
1
M = 2.
10
M = 4.
[2:0]
Quick Configuration F
Number of octets/frame (F) =
2Register0x0570,Bits[2:0]
0x1
R/W
0
F = 1.
1
F = 2.
10
F = 4.
11
F = 8.
0x0571
JESD204B
map JTX
Link
Control 1
7
Standby mode
0x0
R/W
0
Standby mode forces zeros for all
converter samples.
1
Standby mode forces code group
synchronization (K28.5 characters).
6
Tail bit (t) PN
0x0
R/W
0
Disable.
1
Enable.
5
Long transport layer test
0x0
R/W
0
JESD204B test samples disabled.
1
JESD204B test samples enabled. The long
transport layer test sample sequence (as
specified in JESD204B Section 5.1.6.3) sent
on all link lanes.
4
Lane synchronization
0x1
R/W
0
Disable FACI uses /K28.7/.
1
Enable FACI uses /K28.3/ and /K28.7/.
[3:2]
ILAS sequence mode
0x1
R/W
00
Initial lane alignment sequence disabled
(see JESD204B Section 5.3.3.5).
01
Initial lane alignment sequence enabled
(see JESD204B Section 5.3.3.5).
11
Initial lane alignment sequence always on
test mode. JESD204B data link layer test
mode where repeated lane alignment
sequence (as specified in JESD204B,
Section 5.3.3.8.2) sent on all lanes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com