Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 96 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD6684 Datasheet HTML 92Page - Analog Devices AD6684 Datasheet HTML 93Page - Analog Devices AD6684 Datasheet HTML 94Page - Analog Devices AD6684 Datasheet HTML 95Page - Analog Devices AD6684 Datasheet HTML 96Page - Analog Devices AD6684 Datasheet HTML 97Page - Analog Devices AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 96 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x0430
Pair map
VDR control
7
Reserved
Reserved.
0x0
R/W
[6:5]
Reserved
Reserved.
0x0
R
4
Reserved
Reserved.
0x0
R/W
[3:2]
Reserved
Reserved.
0x0
R
1
VDR bandwidth
0x0
R/W
0
25% BW mode.
1
43% BW mode. Only available in complex
mode.
0
VDR complex mode enable
0x1
R/W
0
Dual real mode. Ignore Bit 1.
1
Dual complex mode. Complex input,
Channel A/Channel C are I and Channel
B/Channel D are Q.
0x0434
Channel
map VDR
tuning
frequency
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
VDR center frequency
See the Variable Dynamic Range (VDR)
section for details.
0x0
R/W
0x0550
Channel
map test
mode
control
7
User pattern selection
0x0
R/W
0
Continuous repeat.
1
Single pattern.
6
Reserved
Reserved.
0x0
R
5
Reset PN long generation
0x0
R/W
0
Long PN enabled.
1
Long PN held in reset.
4
Reset PN short generation
0x0
R/W
0
Short PN enabled.
1
Short PN held in reset.
[3:0]
Test mode selection
0x0
R/W
0000
Off—normal operation.
0001
Midscale short.
0010
Positive full scale.
0011
Negative full scale.
0100
Alternating checker board.
0101
PN sequence—long.
0110
PN sequence—short.
0111
1/0 word toggle.
1000
User pattern test mode (used with the test
mode patern selection and the User
Pattern 1 through User Pattern 4 registers)
1111
Ramp output.
0x0551
Pair map
User Pattern
1 LSB
[7:0]
User Pattern 1[7:0]
User Test Pattern 1 least significant byte
0x0
R/W
0x0552
Pair map
User Pattern
1 MSB
[7:0]
User Pattern 1[15:8]
User Test Pattern 1 most significant byte
0x0
R/W
0x0553
Pair map
User Pattern
2 LSB
[7:0]
User Pattern 2[7:0]
User Test Pattern 2 least significant byte
0x0
R/W
0x0554
Pair map
User Pattern
2 MSB
[7:0]
User Pattern 2[15:8]
User Test Pattern 2 most significant byte
0x0
R/W
0x0555
Pair map
User Pattern
3 LSB
[7:0]
User Pattern 3[7:0]
User Test Pattern 3 least significant byte
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com