Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 42 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD6684 Datasheet HTML 38Page - Analog Devices AD6684 Datasheet HTML 39Page - Analog Devices AD6684 Datasheet HTML 40Page - Analog Devices AD6684 Datasheet HTML 41Page - Analog Devices AD6684 Datasheet HTML 42Page - Analog Devices AD6684 Datasheet HTML 43Page - Analog Devices AD6684 Datasheet HTML 44Page - Analog Devices AD6684 Datasheet HTML 45Page - Analog Devices AD6684 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 42 of 107
HALF-BAND FILTERS
The AD6684 offers four half-band filters to enable digital signal
processing of the ADC converted data. These half-band filters
are bypassable and can be individually selected.
HB4 Filter
The first decimate by 2, half-band, low-pass, FIR filter (HB4)
uses an 11-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption. The HB4
filter is only used when complex outputs (decimate by 16) or
real outputs (decimate by 8) are enabled; otherwise, it is
bypassed. Table 18 and Figure 77 show the coefficients and
response of the HB4 filter.
Table 18. HB4 Filter Coefficients
HB4 Coefficient
Number
Decimal
Coefficient
Quantized
Coefficient (15-Bit)
C1, C11
0.006042
99
C2, C10
0
0
C3, C9
−0.049377
−809
C4, C8
0
0
C5, C7
0.293334
4806
C6
0.500000
8192
–250
–200
–150
–100
–50
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
NORMALIZED FREQUENCY (×
RAD/SAMPLE)
Figure 77. HB4 Filter Response
HB3 Filter
The second decimate by 2, half-band, low-pass, FIR filter (HB3)
uses an 11-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption. The HB3
filter is only used when complex outputs (decimate by 8 or 16)
or real outputs (decimate by 4 or 8) are enabled; otherwise, it is
bypassed. Table 19 and Figure 78 show the coefficients and
response of the HB3 filter.
Table 19. HB3 Filter Coefficients
HB3 Coefficient
Number
Decimal
Coefficient
Quantized
Coefficient (17-Bit)
C1, C11
0.006638
435
C2, C10
0
0
C3, C9
−0.051055
−3,346
C4, C8
0
0
C5, C7
0.294418
19,295
C6
0.500000
32,768
–180
–100
–60
–40
–20
–160
–140
–120
–80
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
NORMALIZED FREQUENCY (×
RAD/SAMPLE)
Figure 78. HB3 Filter Response
HB2 Filter
The third decimate by 2, half-band, low-pass, FIR filter (HB2)
uses a 19-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption.
The HB2 filter is only used when complex or real outputs
(decimate by 4, 8, or 16) is enabled; otherwise, it is bypassed.
Table 20 and Figure 79 show the coefficients and response of
the HB2 filter.
Table 20. HB2 Filter Coefficients
HB2 Coefficient
Number
Decimal
Coefficient
Quantized
Coefficient (18-Bit)
C1, C19
0.000671
88
C2, C18
0
0
C3, C17
−0.005325
−698
C4, C16
0
0
C5, C15
0.022743
2,981
C6, C14
0
0
C7, C13
−0.074181
−9,723
C8, C12
0
0
C9, C11
0.306091
40,120
C10
0.500000
65,536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com