Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 60 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD6684 Datasheet HTML 56Page - Analog Devices AD6684 Datasheet HTML 57Page - Analog Devices AD6684 Datasheet HTML 58Page - Analog Devices AD6684 Datasheet HTML 59Page - Analog Devices AD6684 Datasheet HTML 60Page - Analog Devices AD6684 Datasheet HTML 61Page - Analog Devices AD6684 Datasheet HTML 62Page - Analog Devices AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 60 of 107
SETTING UP THE AD6684 DIGITAL INTERFACE
The following SPI writes are required for the AD6684 at startup
and each time the ADC is reset (datapath reset, soft reset, link
power-down/power-up, or hard reset):
1.
Write 0x4F to Register 0x1228.
2.
Write 0x0F to Register 0x1228.
3.
Write 0x04 to Register 0x1222.
4.
Write 0x00 to Register 0x1222.
5.
Write 0x08 to Register 0x1262.
6.
Write 0x00 to Register 0x1262.
The AD6684 has two JESD204B links. The device offers an easy
way to set up the JESD204B link through the JESD04B quick
configuration register (Register 0x0570). The serial outputs
(SERDOUTABx± and SERDOUTCDx±) are considered to be
part of one JESD204B link. The basic parameters that determine
the link setup are
Number of lanes per link (L)
Number of converters per link (M)
Number of octets per frame (F)
If the internal DDCs are used for on-chip digital processing, M
represents the number of virtual converters. The virtual
converter mapping setup is shown in Figure 98.
The maximum lane rate allowed by the JESD204B specification
is 15 Gbps. The lane line rate is related to the JESD204B
parameters using the following equation:
Lane Line Rate =
L
f
N
M
OUT
8
10
'
where:
Ratio
Decimation
f
f
CLOCK
ADC
OUT
_
The decimation ratio (DCM) is the parameter programmed in
Register 0x0201.
Use the following steps to configure the output:
1.
Power down the link.
2.
Select quick configuration options.
3.
Configure detailed options
4.
Set output lane mapping (optional).
5.
Set additional driver configuration options (optional).
6.
Power up the link.
If the lane line rate calculated is less than 6.25 Gbps, select the
low line rate option by programming a value of 0x10 to
Register 0x056E.
Table 34 and Table 35 show the JESD204B output configurations
for both N΄ = 16 and N΄ = 8 for a given number of virtual
converters. Take care to ensure that the serial line rate for given
configuration is within the supported range of 1.5625 Gbps to
15 Gbps.
Table 33. Virtual Converter Mapping (Per Link)
Number of Virtual
Converters Supported
Chip Application Mode
(Register 0x0200,
Bits[3:0])
Chip Q Ignore
(Register 0x0200,
Bit 5)
Virtual Converter Mapping
0
1
2
3
1 to 2
Full bandwidth mode (0x0)
Real or complex (0x0)
ADC A/C
samples
ADC B/D
samples
Unused
Unused
1
One DDC mode (0x1)
Real (I only) (0x1)
DDC 0
I samples
Unused
Unused
Unused
2
One DDC mode (0x1)
Complex (I/Q) (0x0)
DDC 0
I samples
DDC 0
Q samples
Unused
Unused
2
Two DDC mode (0x2)
Real (I only) (0x1)
DDC 0
I samples
DDC 1
I samples
Unused
Unused
4
Two DDC mode (0x2)
Complex (I/Q) (0x0)
DDC 0
I samples
DDC 0
Q samples
DDC 1
I samples
DDC 1
Q samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com