Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6684 Datasheet HTML 5Page - Analog Devices AD6684 Datasheet HTML 6Page - Analog Devices AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices AD6684 Datasheet HTML 10Page - Analog Devices AD6684 Datasheet HTML 11Page - Analog Devices AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 9 of 107
SWITCHING SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.8 V,
SPIVDD = 1.8 V, specified maximum sampling rate, clock divider = 4, 1.8 V p-p full-scale differential input, 0.5 V internal reference, AIN =
−1.0 dBFS, default SPI settings, unless otherwise noted. Minimum and maximum specifications are guaranteed for the full operating junction
temperature (TJ) range of −40°C to +105°C. Typical specifications represent performance at TJ = 50°C (TA = 25°C).
Table 4.
Parameter
Min
Typ
Max
Unit
CLOCK
Clock Rate at CLK+/CLK− Pins
0.3
2.4
GHz
Maximum Sample Rate1
500
MSPS
Minimum Sample Rate2
240
MSPS
Clock Pulse Width High
125
ps
Clock Pulse Width Low
125
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
62.5
100
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
31.25
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
31.37
ps
Phase-Locked Loop (PLL) Lock Time
5
ms
Data Rate per Channel (NRZ)4
1.5625
10
15
Gbps
LATENCY5
Pipeline Latency
54
Sample clock cycles
Fast Detect Latency
30
Sample clock cycles
APERTURE
Aperture Delay (tA)
160
ps
Aperture Uncertainty (Jitter, tj)
44
fs rms
Out-of-Range Recovery Time
1
Sample clock cycles
1 The maximum sample rate is the clock rate after the divider.
2 The minimum sample rate operates at 240 MSPS with L = 2 or L = 1. Refer to SPI Register 0x011A to reduce the threshold of the clock detect circuit.
3 Baud rate = 1/UI. A subset of this range can be supported.
4 Default L = 2. This number can be changed based on the sample rate and decimation ratio.
5 No DDCs used. L = 2, M = 2, F = 2 for each link.
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
See Figure 3
tSU_SR
Device clock to SYSREF+ setup time
−44.8
ps
tH_SR
Device clock to SYSREF+ hold time
64.4
ps
SPI TIMING REQUIREMENTS
See Figure 4
tDS
Setup time between the data and the rising edge of SCLK
4
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns
tLOW
Minimum period that SCLK must be in a logic low state
10
ns
tACCESS
Maximum time delay between falling edge of SCLK and output
data valid for a read operation
6
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the CSB rising edge (not shown in Figure 4)
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com