Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 88 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD6684 Datasheet HTML 84Page - Analog Devices AD6684 Datasheet HTML 85Page - Analog Devices AD6684 Datasheet HTML 86Page - Analog Devices AD6684 Datasheet HTML 87Page - Analog Devices AD6684 Datasheet HTML 88Page - Analog Devices AD6684 Datasheet HTML 89Page - Analog Devices AD6684 Datasheet HTML 90Page - Analog Devices AD6684 Datasheet HTML 91Page - Analog Devices AD6684 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 88 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x01FF
Pair map
chip sync
[7:1]
Reserved
Reserved.
0x0
R
0
Synchronization mode
0x0
R/W
0x0
Sample synchronization mode. The
SYSREF± signal resets all internal sample
dividers. Use this mode when synchronizing
multiple chips as specified in the JESD204B
standard. If the phase of any of the dividers
must change, the JESD204B link is
interrupted.
0x1
Partial synchronization/timestamp mode.
The SYSREF± signal does not reset sample
internal dividers. In this mode, the JESD204B
link, the signal monitor, and the parallel
interface clocks are not affected by the
SYSREF± signal. The SYSREF signal simply
time stamps a sample as it passes through
the ADC.
0x0200
Pair map
chip mode
[7:6]
Reserved
Reserved.
0x0
R/W
5
Chip Q ignore
Chip real (I) only selection.
0x0
R/W
0
Both real (I) and complex (Q) selected.
1
Only real (I) selected. Complex (Q) is ignored.
4
Reserved
Reserved.
0x0
R
[3:0]
Chip application mode
0x7
R/W
0000
Full bandwidth mode.
0001
One DDC mode (DDC 0 only).
0010
Two DDC mode (DDC 0 and DDC 1 only).
0111
Noise shaped requantizer (NSR) mode.
1000
Variable dynamic range (VDR) mode.
0x0201
Pair map
chip dec-
imation ratio
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
Chip decimation ratio
select
Chip decimation ratio.
0x0
R/W
000
Decimate by 1 (full sample rate).
001
Decimate by 2.
010
Decimate by 4.
011
Decimate by 8.
100
Decimate by 16.
0x0228
Channel map
custom
offset
[7:0]
Offset adjust in LSBs from
+127 to −128
Digital datapath offset. Twos complement
offset adjustment aligned with least
significant converter resolution bit.
0x0
R/W
0x0245
Channel
map fast
detect
control
[7:4]
Reserved
Reserved.
0x0
R
3
Force FD_A/FD_B/FD_C/
FD_D pins
0x0
R/W
0
Normal operation of the fast detect pin.
1
Force a value on the fast detect pin (see
Bit 2 of this register).
2
Force value of FD_A/FD_B/
FD_C/FD_D pins; if force
pins is true, this value is
output on the fast detect
pins
The fast detect output pin for this channel
is set to this value when the output is
forced.
0x0
R/W
1
Reserved
Reserved.
0x0
R
0
Enable fast detect output
0x0
R/W
0
Fine fast detect disabled.
1
Fine fast detect enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com