Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 41 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6684 Datasheet HTML 37Page - Analog Devices AD6684 Datasheet HTML 38Page - Analog Devices AD6684 Datasheet HTML 39Page - Analog Devices AD6684 Datasheet HTML 40Page - Analog Devices AD6684 Datasheet HTML 41Page - Analog Devices AD6684 Datasheet HTML 42Page - Analog Devices AD6684 Datasheet HTML 43Page - Analog Devices AD6684 Datasheet HTML 44Page - Analog Devices AD6684 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 41 of 107
FIR FILTERS
GENERAL DESCRIPTION
There are four sets of decimate by 2, low-pass, half-band, FIR
filters (labeled HB1 FIR, HB2 FIR, HB3 FIR, and HB4 FIR in
Figure 73) following the frequency translation stage. After the
carrier of interest is tuned down to dc (carrier frequency = 0 Hz),
these filters efficiently lower the sample rate, while providing
sufficient alias rejection from unwanted adjacent carriers
around the bandwidth of interest.
HB1 FIR is always enabled and cannot be bypassed. The HB2,
HB3, and HB4 FIR filters are optional and can be bypassed for
higher output sample rates.
Table 16 shows the different bandwidths selectable by including
different half-band filters. In all cases, the DDC filtering stage
on the AD6684 provides <−0.001 dB of pass-band ripple and
>100 dB of stop-band alias rejection.
Table 17 shows the amount of stop-band alias rejection for
multiple pass-band ripple/cutoff points. The decimation ratio of
the filtering stage of each DDC can be controlled individually
through Bits[1:0] of the DDC control registers (Register 0x0310
and Register 0x0330) in conjunction with the pair index register
(Register 0x0009).
Table 16. DDC Filter Characteristics
Half Band
Filter
Selection
Real Output
Complex (I/Q) Output
Alias
Protected
Bandwidth
(MHz)
Ideal SNR
Improvement1
(dB)
Pass-Band
Ripple (dB)
Alias
Rejection
(dB)
Decimation
Ratio
Output
Sample
Rate
(MSPS)
Decimation
Ratio
Output
Sample
Rate
(MSPS)
HB1
1
500
2
250 (I) +
250 (Q)
200
1
<−0.0001
>100
HB1 + HB2
2
250
4
125 (I) +
125 (Q)
100
4
HB1 + HB2 +
HB3
4
125
8
62.5 (I) +
62.5 (Q)
50
7
HB1 + HB2 +
HB3 + HB4
8
62.5
16
31.25 (I) +
31.25 (Q)
25
10
1 Ideal SNR improvement due to oversampling and filtering = 10log(bandwidth/(fS/2)).
Table 17. DDC Filter Alias Rejection
Alias Rejection
(dB)
Pass-Band Ripple/Cutoff
Point (dB)
Alias Protected Bandwidth for Real
(I) Outputs1
Alias Protected Bandwidth for Complex
(I/Q) Outputs
>100
<−0.0001
<40% × fOUT
<80% × fOUT
95
<−0.0002
<40.12% × fOUT
<80.12% × fOUT
90
<−0.0003
<40.23% × fOUT
<80.46% × fOUT
85
<−0.0005
<40.36% × fOUT
<80.72% × fOUT
80
<−0.0009
<40.53% × fOUT
<81.06% × fOUT
25.07
−0.5
45.17% × fOUT
90.34% × fOUT
19.3
−1.0
46.2% × fOUT
92.4% × fOUT
10.7
−3.0
48.29% × fOUT
96.58% × fOUT
1 fOUT = ADC input sample rate ÷ DDC decimation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com