Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 75 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD6684 Datasheet HTML 71Page - Analog Devices AD6684 Datasheet HTML 72Page - Analog Devices AD6684 Datasheet HTML 73Page - Analog Devices AD6684 Datasheet HTML 74Page - Analog Devices AD6684 Datasheet HTML 75Page - Analog Devices AD6684 Datasheet HTML 76Page - Analog Devices AD6684 Datasheet HTML 77Page - Analog Devices AD6684 Datasheet HTML 78Page - Analog Devices AD6684 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 75 of 107
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x011A Clock
detection
control
Reserved
Clock detection threshold
Clock detection
enable
Reserved
0x00
R/W
0x011B Pair map
clock status
Reserved
Input
clock
detect
0x00
R
0x011C Clock DCS
control
Reserved
Clock DCS
enable
Clock
DCS
power-
up
0x00
R/W
0x0120
Pair Map
SYSREF
Control 1
Reserved
SYSREF±
flag
reset
Reserved
SYSREF± transition
select
CLK±
edge
select
SYSREF± mode select
Reserved 0x00
R/W
0x0121
Pair Map
SYSREF
Control 2
Reserved
SYSREF N shot ignore counter select
0x00
R/W
0x0123
Pair Map
SYSREF
Control 4
Reserved
SYSREF± time stamp delay[6:0]
0x40
R/W
0x0128
Pair Map
SYSREF
Status 1
SYSREF± hold status[7:4]
SYSREF± setup status[3:0]
0x00
R
0x0129
Pair Map
SYSREF
Status 2
Reserved
Clock divider phase when SYSREF± is captured
0x00
R
0x012A Pair Map
SYSREF
Status 3
SYSREF counter [7:0] (increments when a SYSREF± input is captured)
0x00
R
0x01FF
Pair map
chip sync
Reserved
Synchro-
nization
mode
0x00
R/W
0x0200
Pair map
chip mode
Reserved
Chip Q
ignore
Reserved
Chip application mode
0x07
R/W
0x0201
Pair map
chip decim-
ation ratio
Reserved
Chip decimation ratio select
0x00
R/W
0x0228
Channel map
custom
offset
Offset adjust in LSBs from +127 to −128
0x00
R/W
0x0245
Channel map
fast detect
control
Reserved
Force
FD_A/
FD_B/
FD_C/
FD_D pins
Force value of
FD_A/FD_B/
FD_C/FD_D pins;
if force pins is
true, this value is
output on the
FD_x pins
Reserved
Enable
fast
detect
output
0x00
R/W
0x0247
Channel map
fast detect
upper
threshold
LSB
Fast detect upper threshold[7:0]
0x00
R/W
0x0248
Channel map
fast detect
upper
threshold
MSB
Reserved
Fast detect upper threshold[12:8]
0x00
R/W
0x0249
Channel map
fast detect
lower
threshold
LSB
Fast detect lower threshold[7:0]
0x00
R/W
0x024A Channel map
fast detect
lower
threshold
MSB
Reserved
Fast detect lower threshold[12:8]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com