Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 77 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD6684 Datasheet HTML 73Page - Analog Devices AD6684 Datasheet HTML 74Page - Analog Devices AD6684 Datasheet HTML 75Page - Analog Devices AD6684 Datasheet HTML 76Page - Analog Devices AD6684 Datasheet HTML 77Page - Analog Devices AD6684 Datasheet HTML 78Page - Analog Devices AD6684 Datasheet HTML 79Page - Analog Devices AD6684 Datasheet HTML 80Page - Analog Devices AD6684 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 77 of 107
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x0310
Pair map
DDC 0
control
DDC 0
mixer select
DDC 0
gain
select
DDC 0 IF mode
DDC 0
complex
to real
enable
Reserved
DDC 0 decimation rate
select
0x00
R/W
0x0311
Pair Map
DDC 0 input
select
Reserved
DDC 0 Q input
select
Reserved
DDC 0
I input
select
0x00
R/W
0x0314
Pair Map
DDC 0 Phase
Increment 0
DDC 0 NCO frequency value, twos complement[7:0]
0x00
R/W
0x0315
Pair Map
DDC 0 Phase
Increment 1
DDC 0 NCO frequency value, twos complement[15:8]
0x00
R/W
0x0316
Pair Map
DDC 0 Phase
Increment 2
DDC 0 NCO frequency value, twos complement[23:16]
0x00
R/W
0x0317
Pair Map
DDC 0 Phase
Increment 3
DDC 0 NCO frequency value, twos complement[31:24]
0x00
R/W
0x0318
Pair Map
DDC 0 Phase
Increment 4
DDC 0 NCO frequency value, twos complement[39:32]
0x00
R/W
0x031A Pair Map
DDC 0 Phase
Increment 5
DDC 0 NCO frequency value, twos complement[47:40]
0x00
R/W
0x031D Pair Map
DDC 0 Phase
Offset 0
DDC 0 NCO phase value, twos complement[7:0]
0x00
R/W
0x031E
Pair Map
DDC 0 Phase
Offset 1
DDC 0 NCO phase value, twos complement[15:8]
0x00
R/W
0x031F
Pair Map
DDC 0 Phase
Offset 2
DDC 0 NCO phase value, twos complement[23:16]
0x00
R/W
0x0320
Pair Map
DDC 0 Phase
Offset 3
DDC 0 NCO phase value, twos complement[31:24]
0x00
R/W
0x0321
Pair Map
DDC 0 Phase
Offset 4
DDC 0 NCO phase value, twos complement[39:32]
0x00
R/W
0x0322
Pair Map
DDC 0 Phase
Offset 5
DDC 0 NCO phase value, twos complement[47:40]
0x00
R/W
0x0327
Pair map
DDC 0 test
enable
Reserved
DDC 0 Q output
test mode enable
Reserved
DDC 0 I
output
test
mode
enable
0x00
R/W
0x0330
Pair map
DDC 1
control
DDC 1
mixer select
DDC 1
gain
select
DDC 1 IF mode
DDC 1
complex
to real
enable
Reserved
DDC 1 decimation rate
select
0x00
R/W
0x0331
Pair map
DDC 1 input
select
Reserved
DDC 1 Q input
select
Reserved
DDC 1 I
input
select
0x05
R/W
0x0334
Pair Map
DDC 1 Phase
Increment 0
DDC 1 NCO frequency value, twos complement[7:0]
0x00
R/W
0x0335
Pair Map
DDC 1 Phase
Increment 1
DDC 1 NCO frequency value, twos complement[15:8]
0x00
R/W
0x0336
Pair Map
DDC 1 Phase
Increment 2
DDC 1 NCO frequency value, twos complement[23:16]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com