Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6684 Datasheet HTML 14Page - Analog Devices AD6684 Datasheet HTML 15Page - Analog Devices AD6684 Datasheet HTML 16Page - Analog Devices AD6684 Datasheet HTML 17Page - Analog Devices AD6684 Datasheet HTML 18Page - Analog Devices AD6684 Datasheet HTML 19Page - Analog Devices AD6684 Datasheet HTML 20Page - Analog Devices AD6684 Datasheet HTML 21Page - Analog Devices AD6684 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 18 of 107
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 71.80dB
SFDR = 98.27dBFS
Figure 30. DDC Mode (4 DDCs, Decimate by 4, L, M, and F = 148) with
fIN = 305 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 71.80dB
SFDR = 98.27dBFS
–31.25
–21.25
–11.25
–1.25
8.75
18.75
28.75
Figure 31. DDC Mode (4 DDCs, Decimate by 8, L, M, and F = 148) with
fIN = 305 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 74.50dB
SFDR = 100.68dBFS
–15.625
–10.625
–5.625
–0.625
4.375
9.375
14.375
Figure 32. DDC Mode (4 DDCs, Decimate by 16, L, M, and F = 148) with
fIN = 305 MHz
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 74.50dB
SFDR = 100.68dBFS
5
2545
6585
105
125
Figure 33. NSR Mode (Decimate by 2, L, M, and F = 124) with fIN = 305 MHz
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN = –1dBFS
SNRFS = 70.7dB
SFDR = 82dBFS
Figure 34. NSR Mode (LMF = 222) with fIN = 305 MHz
65.5
65.6
65.7
65.8
65.9
66.0
66.1
66.2
66.3
66.4
66.5
66.6
66.7
66.8
66.9
67.0
DIFFERENTIAL VOLTAGE (V)
Figure 35. SNR vs. Clock Amplitude (Differential Voltage), fIN = 155.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com