Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 61 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD6684 Datasheet HTML 57Page - Analog Devices AD6684 Datasheet HTML 58Page - Analog Devices AD6684 Datasheet HTML 59Page - Analog Devices AD6684 Datasheet HTML 60Page - Analog Devices AD6684 Datasheet HTML 61Page - Analog Devices AD6684 Datasheet HTML 62Page - Analog Devices AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices AD6684 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 61 of 107
Table 34. JESD204B Output Configurations for N΄= 16
Number of Virtual
Converters
Supported (Same
Value as M)
JESD204B Quick
Configuration
(0x0570)
JESD204B Serial
Line Rate1
JESD204B Transport Layer Settings2
L
M
F
S
HD
N
N΄
CS
K3
1
0x01
20 × fOUT
1
1
2
1
0
8 to 16
16
0 to 3
Only valid K
values that
are divisible
by 4 are
supported
0x40
10 × fOUT
2
1
1
1
1
8 to 16
16
0 to 3
0x41
10 × fOUT
2
1
2
2
0
8 to 16
16
0 to 3
2
0x0A
40 × fOUT
1
2
4
1
0
8 to 16
16
0 to 3
0x49
20 × fOUT
2
2
2
1
0
8 to 16
16
0 to 3
4
0x13
80 × fOUT
1
4
8
1
0
8 to 16
16
0 to 3
0x52
40 × fOUT
2
4
4
1
0
8 to 16
16
0 to 3
1 fOUT = output sample rate = ADC sample rate/chip decimation ratio. The JESD204B serial line rate must be ≥1687.5 Mbps and ≤15,000 Mbps. When the serial line rate is
≤15 Gbps and ≥13.5 Gbps, set Bits[7:4] to 0x3 in Register 0x056E. When the serial line rate is ≤13.5 Gbps and ≥6.75 Gbps, set Bits[7:4] to 0x0 in Register 0x056E. When
the serial line rate is <6.75 Gbps and ≥3.375 Gbps, set Bits[7:4] to 0x1 in Register 0x056E. When the serial line rate is ≤3.375 Gbps and ≥1687.5 Mbps, set Bits[7:4] to 0x5
in Register 0x056E.
2 JESD204B transport layer descriptions are as described in the JESD204B Overview section.
3 For F = 1, K = 20, 24, 28, and 32. For F = 2, K = 12, 16, 20, 24, 28, and 32. For F = 4, K = 8, 12, 16, 20, 24, 28, and 32. For F = 8 and F = 16, K = 4, 8, 12, 16, 20, 24, 28, and 32.
Table 35. JESD204B Output Configurations for N΄= 8
Number of Virtual
Converters Supported
(Same Value as M)
JESD204B Quick
Configuration
(Register 0x0570)
Serial Line Rate1
JESD204B Transport Layer Settings2
L
M
F
S
HD
N
N΄
CS
K3
1
0x00
10 × fOUT
1
1
1
1
0
7 to 8
8
0 to 1
Only valid K
values which
are divisible
by 4 are
supported
0x01
10 × fOUT
1
1
2
2
0
7 to 8
8
0 to 1
0x40
5 × fOUT
2
1
1
2
0
7 to 8
8
0 to 1
0x41
5 × fOUT
2
1
2
4
0
7 to 8
8
0 to 1
0x42
5 × fOUT
2
1
4
8
0
7 to 8
8
0 to 1
2
0x09
20 × fOUT
1
2
2
1
0
7 to 8
8
0 to 1
0x48
10 × fOUT
2
2
1
1
0
7 to 8
8
0 to 1
0x49
10 × fOUT
2
2
2
2
0
7 to 8
8
0 to 1
1 fOUT = output sample rate = ADC sample rate/chip decimation ratio. The JESD204B serial line rate must be ≥1687.5 Mbps and ≤15,000 Mbps. When the serial line rate is
≤15 Gbps and ≥13.5 Gbps, set Bits[7:4] to 0x3 in Register 0x056E. When the serial line rate is ≤13.5 Gbps and ≥6.75 Gbps, set Bits[7:4] to 0x0 in Register 0x056E. When
the serial line rate is <6.75 Gbps and ≥3.375 Gbps, set Bits[7:4] to 0x1 in Register 0x056E. When the serial line rate is ≤3.375 Gbps and ≥1687.5 Mbps, set Bits[7:4] to 0x5
in Register 0x056E.
2 JESD204B transport layer descriptions are as described in the JESD204B Overview section.
3 For F = 1, K = 20, 24, 28, and 32. For F = 2, K = 12, 16, 20, 24, 28, and 32. For F = 4, K = 8, 12, 16, 20, 24, 28, and 32. For F = 8 and F = 16, K = 4, 8, 12, 16, 20, 24, 28, and 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com