Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6684 Datasheet HTML 10Page - Analog Devices AD6684 Datasheet HTML 11Page - Analog Devices AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices AD6684 Datasheet HTML 14Page - Analog Devices AD6684 Datasheet HTML 15Page - Analog Devices AD6684 Datasheet HTML 16Page - Analog Devices AD6684 Datasheet HTML 17Page - Analog Devices AD6684 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 14 of 107
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.8 V,
SPIVDD = 1.8 V, specified maximum sampling rate, clock divider = 4, 1.5 V p-p full-scale differential input, AIN = −1.0 dBFS, default SPI
settings, VDR mode (input mask not triggered), unless otherwise noted. Minimum and maximum specifications are guaranteed for the full
operating junction temperature (TJ) range of −40°C to +105°C. Typical specifications represent performance at TJ = 50°C (TA = 25°C).
–140
–120
–100
–80
–60
–40
–20
0
050
100
FREQUENCY (MHz)
150
200
250
AIN = –1dBFS
SNR = 67.10dB
SFDR = 90dBFS
ENOB = 10.8 BITS
Figure 6. Single-Tone FFT with fIN = 10.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
050
100
FREQUENCY (MHz)
150
200
250
AIN = –1dBFS
SNR = 67.0dB
SFDR = 85dBFS
ENOB = 10.8 BITS
Figure 7. Single-Tone FFT with fIN = 155 MHz
–140
–120
–100
–80
–60
–40
–20
0
050
100
FREQUENCY (MHz)
150
200
250
AIN = –1dBFS
SNR = 66.8dB
SFDR = 82dBFS
ENOB = 10.7 BITS
Figure 8. Single-Tone FFT with fIN = 305 MHz
–140
–120
–100
–80
–60
–40
–20
0
050
100
FREQUENCY (MHz)
150
200
250
AIN = –1dBFS
SNR = 66.6dB
SFDR = 83dBFS
ENOB = 10.7 BITS
Figure 9. Single-Tone FFT with fIN = 453 MHz
–140
–120
–100
–80
–60
–40
–20
0
050
100
FREQUENCY (MHz)
150
200
250
AIN = –1dBFS
SNR = 66.5dB
SFDR = 75dBFS
ENOB = 10.6 BITS
Figure 10. Single-Tone FFT with fIN = 765 MHz
–140
–120
–100
–80
–60
–40
–20
0
050
100
FREQUENCY (MHz)
150
200
250
AIN = –1dBFS
SNR = 66.0dB
SFDR = 79dBFS
ENOB = 10.6 BITS
Figure 11. Single-Tone FFT with fIN = 985 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com