Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 72 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD6684 Datasheet HTML 68Page - Analog Devices AD6684 Datasheet HTML 69Page - Analog Devices AD6684 Datasheet HTML 70Page - Analog Devices AD6684 Datasheet HTML 71Page - Analog Devices AD6684 Datasheet HTML 72Page - Analog Devices AD6684 Datasheet HTML 73Page - Analog Devices AD6684 Datasheet HTML 74Page - Analog Devices AD6684 Datasheet HTML 75Page - Analog Devices AD6684 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 72 of 107
SERIAL PORT INTERFACE
The AD6684 SPI allows the user to configure the converter for
specific functions or operations through a structured register
space provided inside the ADC. The SPI gives the user added
flexibility and customization, depending on the application.
Addresses are accessed via the serial port and can be written to
or read from the port. Memory is organized into bytes that can
be further divided into fields. These fields are documented in
the Memory Map section. For detailed operational information,
see the Serial Control Interface Standard (Rev. 1.0).
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK pin, the SDIO
pin, and the CSB pin (see Table 43). The SCLK (serial clock) pin
is used to synchronize the read and write data presented from
and to the ADC. The SDIO (serial data input/output) pin is a
dual-purpose pin that allows data to be sent and read from the
internal ADC memory map registers. The CSB (chip select bar)
pin is an active low control that enables or disables the read and
write cycles.
Table 43. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input, which is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin that
typically serves as an input or an output, depending on
the instruction being sent and the relative position in the
timing frame.
CSB
Chip select bar. An active low control that gates the read
and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing. An example of the
serial timing and its definitions can be found in Figure 4 and
Table 5.
Other modes involving the CSB pin are available. The CSB pin
can be held low indefinitely, which permanently enables the
device; this is called streaming. The CSB can stall high between
bytes to allow for additional external timing. When CSB is tied
high, SPI functions are placed in a high impedance mode. This
mode turns on the secondary functions of the SPI pin.
All data is composed of 8-bit words. The first bit of each
individual byte of serial data indicates whether a read or write
command is issued. This bit allows the SDIO pin to change
direction from an input to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a
readback operation, performing a readback causes the SDIO pin
to change direction from an input to an output at the appropriate
point in the serial frame.
Data can be sent in MSB first mode or in LSB first mode. MSB
first mode is the default on power-up and can be changed via
the SPI port configuration register. For more information about
this and other features, see the Serial Control Interface Standard
(Rev. 1.0).
HARDWARE INTERFACE
The pins described in Table 43 comprise the physical interface
between the user programming device and the serial port of the
AD6684. The SCLK pin and the CSB pin function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note,
Microcontroller-Based Serial Port Interface (SPI) Boot Circuit.
Do not activate the SPI port during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used
for other devices, it may be necessary to provide buffers between
this bus and the AD6684 to prevent these signals from
transitioning at the converter inputs during critical sampling
periods.
SPI ACCESSIBLE FEATURES
Table 44 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the Serial Control Interface Standard (Rev. 1.0). The AD6684
device specific features are described in the Memory Map section.
Table 44. Features Accessible Using the SPI
Feature Name
Description
Mode
Allows the user to set either power-down mode or standby mode.
Clock
Allows the user to access the clock divider via the SPI.
DDC
Allows the user to set up decimation filters for different applications.
Test Input/Output
Allows the user to set test modes to have known data on output bits.
Output Mode
Allows the user to set up outputs.
SERDES Output Setup
Allows the user to vary SERDES settings such as swing and emphasis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com