Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6684 Datasheet HTML 3Page - Analog Devices AD6684 Datasheet HTML 4Page - Analog Devices AD6684 Datasheet HTML 5Page - Analog Devices AD6684 Datasheet HTML 6Page - Analog Devices AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices AD6684 Datasheet HTML 10Page - Analog Devices AD6684 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 7 of 107
Parameter1
Analog Input Full Scale =
1.44 V p-p
Analog Input Full Scale =
1.80 V p-p
Analog Input Full Scale =
2.16 V p-p
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)3
fIN = 10 MHz
89
90
80
dBFS
fIN = 155 MHz
89
75
85
77
dBFS
fIN = 305 MHz
82
82
78
dBFS
fIN = 450 MHz
82
83
77
dBFS
fIN = 765 MHz
77
75
72
dBFS
fIN = 985 MHz
82
79
76
dBFS
SPURIOUS-FREE DYNAMIC RANGE
(SFDR) AT −3 dBFS3
fIN = 10 MHz
94
94
86
dBFS
fIN = 155 MHz
94
90
82
dBFS
fIN = 305 MHz
89
90
83
dBFS
fIN = 450 MHz
87
86
84
dBFS
fIN = 765 MHz
82
80
77
dBFS
fIN = 985 MHz
85
82
79
dBFS
WORST HARMONIC, SECOND OR
THIRD3
fIN = 10 MHz
−89
−90
−80
dBFS
fIN = 155 MHz
−89
−85
−75
−77
dBFS
fIN = 305 MHz
−82
−82
−78
dBFS
fIN = 450 MHz
−82
−83
−77
dBFS
fIN = 765 MHz
−77
−75
−72
dBFS
fIN = 985 MHz
−82
−79
−76
dBFS
WORST HARMONIC, SECOND OR
THIRD AT −3 dBFS3
fIN = 10 MHz
−94
−94
−86
dBFS
fIN = 155 MHz
−94
−90
−82
dBFS
fIN = 305 MHz
−89
−90
−83
dBFS
fIN = 450 MHz
−87
−86
−84
dBFS
fIN = 765 MHz
−82
−80
−77
dBFS
fIN = 985 MHz
−85
−82
−79
dBFS
WORST OTHER, EXCLUDING SECOND
OR THIRD HARMONIC3
fIN = 10 MHz
−96
−98
−99
dBFS
fIN = 155 MHz
−97
−97
−86
−97
dBFS
fIN = 305 MHz
−97
−98
−97
dBFS
fIN = 450 MHz
−95
−96
−96
dBFS
fIN = 765 MHz
−92
−91
−88
dBFS
fIN = 985 MHz
−90
−89
−86
dBFS
TWO TONE INTERMODULATION
DISTORTION (IMD), AIN1 AND
AIN2 = −7 dBFS
fIN1 = 154 MHz, fIN2 = 157 MHz
−93
−90
−84
dBFS
fIN1 = 302 MHz, fIN2 = 305 MHz
−90
−90
−84
dBFS
CROSSTALK4
82
82
82
dB
FULL POWER BANDWIDTH5
1.4
1.4
1.4
GHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Noise density is measured with no analog input signal.
3 See Table 9 for recommended settings for full-scale voltage and buffer current setting.
4 Crosstalk is measured at 155 MHz with a −1.0 dBFS analog input on one channel and no input on the adjacent channel.
5 Measured with circuit shown in Figure 58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com