Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 51 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD6684 Datasheet HTML 47Page - Analog Devices AD6684 Datasheet HTML 48Page - Analog Devices AD6684 Datasheet HTML 49Page - Analog Devices AD6684 Datasheet HTML 50Page - Analog Devices AD6684 Datasheet HTML 51Page - Analog Devices AD6684 Datasheet HTML 52Page - Analog Devices AD6684 Datasheet HTML 53Page - Analog Devices AD6684 Datasheet HTML 54Page - Analog Devices AD6684 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 51 of 107
VARIABLE DYNAMIC RANGE (VDR)
The AD6684 features a VDR digital processing block to allow
up to a 14-bit dynamic range to be maintained in a subset of the
Nyquist band. Across the full Nyquist band, a minimum 9-bit
dynamic range is available at all times. This operation is suitable
for applications such as DPD processing. The harmonic perfor-
mance of the receiver is unaffected by this feature. When enabled,
VDR does not contribute loss to the input signal but operates by
effectively changing the output resolution at the output pins.
This feature can be independently controlled per channel via
the SPI.
The VDR block operates in either complex or real mode. In
complex mode, VDR has selectable bandwidths of 25% and 43%
of the output sample rate. In real mode, the bandwidth of
operation is limited to 25% of the output sample rate. The
bandwidth and mode of the VDR operation are selected by
setting the appropriate bits in Register 0x0430.
When the VDR block is enabled, input signals that violate a
defined mask (signified by the gray shaded areas in Figure 84)
result in the reduction of the output resolution of the AD6684.
The VDR block analyzes the peak value of the aggregate signal
level in the disallowed zones to determine the reduction of the
output resolution. To indicate that the AD6684 is reducing
output, the resolution VDR punish bits and/or a VDR high/low
resolution bit can optionally be inserted into the output data
stream as control bits by programming the appropriate value
into Register 0x0559 and Register 0x055A. Up to two control
bits can be used without the need to change the converter
resolution parameter, N. Up to three control bits can be used,
but if using three, the converter resolution parameter, N, must
be changed to 13. The VDR high/low resolution bit can be
programmed into either of the three available control bits and
indicates if VDR is reducing output resolution (bit value is a 1),
or if full resolution is available (bit value is a 0). Enable the two
punish bits to provide a clearer indication of the available resolution
of the sample. To decode these two bits, see Table 24.
Table 24. VDR Reduced Output Resolution Values
VDR Punish Bits[1:0]
Output Resolution (Bits)
00
14
01
13
10
12 or 11
11
10 or 9
The frequency zones of the mask are defined by the bandwidth
mode selected in Register 0x0430. The upper amplitude limit
for input signals located in these frequency zones is −30 dBFS.
If the input signal level in the disallowed frequency zones exceeds
an amplitude level of –30 dBFS (into the gray shaded areas), the
VDR block triggers a reduction in the output resolution, as shown
in Figure 84. The VDR block engages and begins limiting output
resolution gradually as the signal amplitudes increase in the
mask regions. As the signal amplitude level increases into the
mask regions, the output resolution is gradually lowered. For
every 6 dB increase in signal level above −30 dBFS, one bit of
output resolution is discarded from the output data by the VDR
block, as shown in Table 25. These zones can be tuned within
the Nyquist band by setting Bits[3:0] in Register 0x0434 to
determine the VDR center frequency (fVDR). The VDR center
frequency in complex mode can be adjusted from 1/16 fS to
15/16 fS in 1/16 fS steps. In real mode, fVDR can be adjusted from
1/8 fS to 3/8 fS in 1/16 fS steps.
Table 25. VDR Reduced Output Resolution Values
Signal Amplitude Violating Defined
VDR Mask
Output Resolution
(Bits)
Amplitude ≤ −30 dBFS
14
−30 dBFS < amplitude ≤ −24 dBFS
13
−24 dBFS < amplitude ≤ −18 dBFS
12
−18 dBFS < amplitude ≤ −12 dBFS
11
−12 dBFS < amplitude ≤ −6 dBFS
10
−6 dBFS < amplitude ≤ 0 dBFS
9
dBFS
–30
0
INTERMODULATION PRODUCTS < –30dBFS
INTERMODULATION PRODUCTS > –30dBFS
fS
0
fS
Figure 84. VDR Operation—Reduction in Output Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com