Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices AD6684 Datasheet HTML 28Page - Analog Devices AD6684 Datasheet HTML 29Page - Analog Devices AD6684 Datasheet HTML 30Page - Analog Devices AD6684 Datasheet HTML 31Page - Analog Devices AD6684 Datasheet HTML 32Page - Analog Devices AD6684 Datasheet HTML 33Page - Analog Devices AD6684 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 30 of 107
15
14-BIT CONVERTER RESOLUTION (N = 14)
TAIL
X
1
CONTROL
BIT
(CS = 1)
1-BIT
CONTROL
BIT
(CS = 1)
14
13
12
11
10
9876543210
15
14
13
12
11
10
9876543210
1 TAIL
BIT
SERIALIZED SIGNAL MONITOR
FRAME DATA
EXAMPLE
CONFIGURATION 1
(N' = 16, N = 15, CS = 1)
EXAMPLE
CONFIGURATION 2
(N' = 16, N = 14, CS = 1)
SERIALIZED SIGNAL MONITOR
FRAME DATA
16-BIT JESD204B SAMPLE SIZE (N' = 16)
S[13]
X
S[12]
X
S[11]
X
S[10]
X
S[9]
X
S[8]
X
S[7]
X
S[6]
X
S[5]
X
S[4]
X
S[3]
X
S[2]
X
S[1]
X
S[0]
X
CTRL
[BIT 2]
X
CTRL
[BIT 2]
X
S[14]
X
S[13]
X
S[12]
X
S[11]
X
S[10]
X
S[9]
X
S[8]
X
S[7]
X
S[6]
X
S[5]
X
S[4]
X
S[3]
X
S[2]
X
S[1]
X
S[0]
X
15-BIT CONVERTER RESOLUTION (N = 15)
16-BIT JESD204B SAMPLE SIZE (N' = 16)
Figure 70. Signal Monitor Control Bit Locations
25-BIT
FRAME
5-BIT IDLE
SUBFRAME
(OPTIONAL)
5-BIT IDENTIFIER
SUBFRAME
5-BIT DATA
MSB
SUBFRAME
5-BIT DATA
SUBFRAME
5-BIT DATA
SUBFRAME
5-BIT DATA
LSB
SUBFRAME
5-BIT SUBFRAMES
P[ ] = PEAK MAGNITUDE VALUE
IDLE
1
IDLE
1
IDLE
1
IDLE
1
IDLE
1
START
0
P[0]
000
START
0
P[4]
P[3]
P[2]
P[1]
START
0
P[8]
P[7]
P[6]
P5]
START
0
P[12]
P[11]
P[10]
P[9]
START
0
ID[3]
0
ID[2]
0
ID[1]
0
ID[0]
1
Figure 71. SPORT over JESD204B Signal Monitor Frame Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com