Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 1 Page - Analog Devices

  AD6684 Datasheet HTML 1Page - Analog Devices AD6684 Datasheet HTML 2Page - Analog Devices AD6684 Datasheet HTML 3Page - Analog Devices AD6684 Datasheet HTML 4Page - Analog Devices AD6684 Datasheet HTML 5Page - Analog Devices AD6684 Datasheet HTML 6Page - Analog Devices AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
135 MHz Quad IF Receiver
Data Sheet
AD6684
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JESD204B (Subclass 1) coded serial digital outputs
Lane rates up to 15 Gbps
1.68 W total power at 500 MSPS
420 mW per analog-to-digital converter (ADC) channel
SFDR = 82 dBFS at 305 MHz (1.8 V p-p input range)
SNR = 66.8 dBFS at 305 MHz (1.8 V p-p input range)
Noise density = −151.5 dBFS/Hz (1.8 V p-p input range)
Analog input buffer
On-chip dithering to improve small signal linearity
Flexible differential input range
1.44 V p-p to 2.16 V p-p (1.80 V p-p nominal)
82 dB channel isolation/crosstalk
0.975 V, 1.8 V, and 2.5 V dc supply operation
Noise shaping requantizer (NSR) option for main receiver
Variable dynamic range (VDR) option for digital
predistortion (DPD)
4 integrated wideband digital downconverters (DDCs)
48-bit numerically controlled oscillator (NCO), up to
4 cascaded half-band filters
1.4 GHz analog input full power bandwidth
Amplitude detect bits for efficient automatic gain control
(AGC) implementation
Differential clock input
Integer clock divide by 1, 2, 4, or 8
On-chip temperature diode
Flexible JESD204B lane configurations
APPLICATIONS
Communications
Diversity multiband, multimode digital receivers
3G/4G, W-CDMA, GSM, LTE, LTE-A
HFC digital reverse path receivers
Digital predistortion observation paths
General-purpose software radios
FUNCTIONAL BLOCK DIAGRAM
CLK+
CLK–
SDIO SCLK CSB
AGND
AD6684
SYSREF±
CLOCK
GENERATION
14
SPI CONTROL
14
14
14
2
PDWN/STBY
JESD204B
SUBCLASS 1
CONTROL
FAST
DETECT
VIN+B
VIN–B
÷2
÷4
ADC
CORE
BUFFER
ADC
CORE
SIGNAL
MONITOR
SYNCINB±AB
VIN+C
VIN–C
FD_C
FD_D
SERDOUTCD0±
SERDOUTCD1±
SERDOUTAB0±
SERDOUTAB1±
VIN+D
VIN–D
SIGNAL PROCESSING
Tx
OUTPUTS
JESD204B
HIGH SPEED
SERIALIZER
SYNCINB±CD
AVDD1
(0.975V)
AVDD2
(1.8V)
DRVDD1
(0.975V)
DVDD
(0.975V)
AVDD3
(2.5V)
AVDD1_SR
(0.975V)
SPIVDD
(1.8V)
DRVDD2
(1.8V)
DIGITAL DOWNCONVERTER
(×2)
NOISE SHAPED REQUANTIZER
(×2)
VARIABLE DYNAMIC RANGE
(×2)
BUFFER
2
FAST
DETECT
ADC
CORE
BUFFER
ADC
CORE
SIGNAL
MONITOR
SIGNAL PROCESSING
Tx
OUTPUTS
JESD204B
HIGH SPEED
SERIALIZER
DIGITAL DOWNCONVERTER
(×2)
NOISE SHAPED REQUANTIZER
(×2)
VARIABLE DYNAMIC RANGE
(×2)
BUFFER
DRGND
VIN+A
VIN–A
VCM_AB
VCM_CD
FD_A
FD_B
÷8
SIGNAL MONITOR
AND FAST DETECT
Figure 1.


Similar Part No. - AD6684

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
AD668 AD-AD668 Datasheet
221Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD6688 AD-AD6688 Datasheet
2Mb / 138P
RF Diversity and 1.2 GHz Bandwidth Observation Receiver
4/2017-Revision 0
AD6688-3000EBZ AD-AD6688-3000EBZ Datasheet
2Mb / 138P
RF Diversity and 1.2 GHz Bandwidth Observation Receiver
4/2017-Revision 0
AD6688BBPZ-3000 AD-AD6688BBPZ-3000 Datasheet
2Mb / 138P
RF Diversity and 1.2 GHz Bandwidth Observation Receiver
4/2017-Revision 0
More results

Similar Description - AD6684

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
Quad IF Receiver
REV. 0
AD6657A AD-AD6657A Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Analog Devices
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6679 AD-AD6679 Datasheet
1Mb / 81P
135 MHz BW IF Diversity Receiver
REV. B
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
AD6677 AD-AD6677 Datasheet
1Mb / 48P
80 MHz Bandwidth, IF Receiver
Jan-2016
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com