Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 102 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 102 Page - Analog Devices

Back Button AD6684 Datasheet HTML 98Page - Analog Devices AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices AD6684 Datasheet HTML 103Page - Analog Devices AD6684 Datasheet HTML 104Page - Analog Devices AD6684 Datasheet HTML 105Page - Analog Devices AD6684 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 102 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x058F
JESD204B
map JTX CS
N config-
uration
[7:6]
Number of control bits (CS)
per sample
0x0
R/W
0
No control bits (CS = 0).
1
One control bit (CS = 1), Control Bit 2 only.
10
Two control bits (CS = 2), Control Bit 2 and
Control Bit 1 only.
11
Three control bits (CS = 3), all control bits
(Bits[2:0]).
5
Reserved
Reserved.
0x0
R
[4:0]
ADC converter resolution (N)
0xF
R/W
00110
N = 7-bit resolution.
00111
N = 8-bit resolution.
01000
N = 9-bit resolution.
01001
N = 10-bit resolution.
01010
N = 11-bit resolution.
01011
N = 12-bit resolution.
01100
N = 13-bit resolution.
01101
N = 14-bit resolution.
01110
N = 15-bit resolution.
01111
N = 16-bit resolution.
0x0590
JESD204B
map JTX
SCV NP
config-
uration
[7:5]
Subclass support
0x1
R/W
000
Subclass 0.
001
Subclass 1.
[4:0]
ADC number of bits per
sample (N')
0xF
R/W
00111
N' = 8.
01111
N' = 16.
0x0591
JESD204B
map JTX JV
S config-
uration
[7:5]
Reserved
Reserved.
0x1
R
[4:0]
Samples per converter
frame cycle (S)
Samples per converter frame cycle
(S = Register 0x0591, Bits[4:0] + 1).
0x0
R
0x0592
JESD204B
map JTX HD
CF config-
uration
7
HD value
0x0
R
0
High density format disabled.
1
High density format enabled.
[6:5]
Reserved
Reserved.
0x0
R
[4:0]
Control words per frame
clock cycle per link (CF)
Number of control words per frame clock
cycle per link (CF = Register 0x0592, Bits[4:0]).
0x0
R
0x05A0
JESD204B
map JTX
Checksum 0
config-
uration
[7:0]
Checksum 0 checksum
value for SERDOUTAB0±/
SERDOUTCD0±
Serial checksum value for Lane 0, auto-
matically calculated for each lane. Sum (all
link configuration parameters for Lane 0)
mod 256.
0xC3
R
0x05A1
JESD204B
map JTX
Checksum 1
config-
uration
[7:0]
Checksum 1 checksum
value for SERDOUTAB1±/
SERDOUTCD1±
Serial checksum value for Lane 1, auto-
matically calculated for each lane. Sum (all
link configuration parameters for Lane 1)
mod 256.
0xC4
R
0x05B0
JESD204B
Map JTX
Lane power-
down
[7:3]
Reserved
Reserved.
0x1F
R/W
2
JESD204B Lane 1 power-
down
Physical Lane 1 force power-down.
0x0
R/W
1
Reserved
Reserved.
0x1
R/W
0
JESD204B lane 0 power-
down
Physical Lane 0 force power-down.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com