Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 106 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 106 Page - Analog Devices

Back Button AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices AD6684 Datasheet HTML 103Page - Analog Devices AD6684 Datasheet HTML 104Page - Analog Devices AD6684 Datasheet HTML 105Page - Analog Devices AD6684 Datasheet HTML 106Page - Analog Devices AD6684 Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 106 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 106 of 107
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD6684 must be powered by the following seven supplies:
AVDD1 = AVDD1_SR = 0.975 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V,
DVDD = 0.975 V, DRVDD1 = 0.975 V, and SPIVDD = 1.8 V. For
applications requiring an optimal high power efficiency and low
noise performance, it is recommended that the ADP5054 quad
switching regulator be used to convert the 6.0 V or 12 V input rails
to intermediate rails (1.3 V, 2.4 V, and 3.0 V). These intermediate
rails are then postregulated by very low noise, low dropout (LDO)
regulators (ADP1762, ADP7159, ADP151, and ADP7118).
Figure 104 shows the recommended power supply scheme for
the AD6684.
AVDD1: 0.95V
1.3V
AVDD1_SR: 0.95V
ADP1762
(LDO)
ADP1762
(LDO)
ADP7159
(LDO)
ADP7159
(LDO)
DVDD: 0.95V
DRVDD1: 0.95V
AVDD2: 1.8V
AVDD3: 2.5V
DRVDD2: 1.8V
6V/12V
INPUT
SPIVDD: 1.8V
2.4V
ADP151
(LDO)
1.3V
FILTER
FILTER
FILTER
FILTER
FILTER
FILTER
ADP7118
(LDO)
FILTER
3.0V
ADP5054
(SWITCHING
REGULATOR)
Figure 104. High Efficiency, Low Noise Power Solution for the AD6684
It is not necessary to split all of these power domains in all cases.
The recommended solution shown in Figure 104 provides the
lowest noise, highest efficiency power delivery system for the
AD6684. If only one 0.975 V supply is available, route to AVDD1
first and then tap it off and isolate it with a ferrite bead or a
filter choke, preceded by decoupling capacitors for AVDD1_SR,
DVDD, and DRVDD, in that order. The user can employ several
different decoupling capacitors to cover both high and low
frequencies. These capacitors must be located close to the point
of entry at the PCB level and close to the devices, with minimal
trace lengths.
EXPOSED PAD THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed pad on the underside of the ADC
be connected to AGND to achieve the best electrical and
thermal performance of the AD6684. Connect an exposed
continuous copper plane on the PCB to the AD6684 exposed
pad, Pin 0. The copper plane must have several vias to achieve
the lowest possible resistive thermal path for heat dissipation to
flow through the bottom of the PCB. These vias must be solder
filled or plugged. The number of vias and the fill determine the
resultant θJA measured on the board (see Table 7).
See Figure 105 for a PCB layout example. For detailed
information on packaging and the PCB layout of chip scale
packages, see the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP).
Figure 105. Recommended PCB Layout of Exposed Pad for the AD6684
AVDD1_SR (PIN 64) AND AGND_SR (PIN 63 AND
PIN 67)
AVDD1_SR (Pin 64) and AGND_SR (Pin 63 and Pin 67) can be
used to provide a separate power supply node to the SYSREF±
circuits of the AD6684. If running in Subclass 1, the AD6684
can support periodic one-shot or gapped signals. To minimize
the coupling of this supply into the AVDD1 supply node,
adequate supply bypassing is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com