Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 105 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 105 Page - Analog Devices

Back Button AD6684 Datasheet HTML 99Page - Analog Devices AD6684 Datasheet HTML 100Page - Analog Devices AD6684 Datasheet HTML 101Page - Analog Devices AD6684 Datasheet HTML 102Page - Analog Devices AD6684 Datasheet HTML 103Page - Analog Devices AD6684 Datasheet HTML 104Page - Analog Devices AD6684 Datasheet HTML 105Page - Analog Devices AD6684 Datasheet HTML 106Page - Analog Devices AD6684 Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 105 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 105 of 107
Address
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x1910
Channel
map input
full-scale
range
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
Input full-scale control
Input full-scale control
0xD
R/W
0000
2.16 V p-p.
1010
1.44 V p-p.
1011
1.56 V p-p.
1100
1.68 V p-p.
1101
1.80 V p-p.
1110
1.92 V p-p.
1111
2.04 V p-p.
0x1A4C
Channel
map Buffer
Control 1
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Buffer Control 1
Buffer Control 1.
0xC
R/W
00110
120 μA.
01000
160 μA.
01010
200 μA.
01100
240 μA.
01110
280 μA.
10000
320 μA.
10010
360 μA.
10100
400 μA.
10110
440 μA.
0x1A4D
Channel
map Buffer
Control 2
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Buffer Control 2
Buffer Control 2.
0xC
R/W
00110
120 μA.
01000
160 μA.
01010
200 μA.
01100
240 μA.
01110
280 μA.
10000
320 μA.
10010
360 μA.
10100
400 μA.
10110
440 μA.
0x18E0
External
VCM Buffer
Control 1
[7:0]
External VCM Buffer
Control 1
See the Input Common Mode section for
details.
0x0
R/W
0x18E1
External
VCM Buffer
Control 2
[7:0]
External VCM Buffer
Control 2
See the Input Common Mode section for
details.
0x0
R/W
0x18E2
External
VCM Buffer
Control 3
[7:0]
External VCM Buffer
Control 3
See the Input Common Mode section for
details.
0x0
R/W
0x18E3
External
VCM buffer
control
7
Reserved
Reserved.
0x0
R/W
6
External VCM buffer
External VCM buffer.
0x0
R/W
1
Enable.
0
Disable.
[5:0]
External VCM buffer
current setting
See the Input Common Mode section for
details.
0x0
R/W
0x18E6
Temperature
diode
export
[7:1]
Reserved
Reserved.
0x0
R/W
0
Temperature diode export
Temperature diode export.
0x0
R/W
1
Enable.
0
Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com