Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 166 page
background image
Datasheet
22 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Address space maps
There are multiple address map modes that determine what appears in the flash device address space at any
given time:
• Read mode
•Status register (SR) mode
•ASO mode
• Peripheral register mode
In Read mode, the entire Flash Memory Array may be directly read by the host system memory controller. The
memory device EAC, puts the device in Read mode during Power-On or after a Hardware Reset or after an EA is
suspended. Read accesses and commands are accepted in Read mode. A subset of commands is accepted in
Read mode when an EA is suspended.
While in any mode, the Status Register read command may be issued to cause the Status Register ASO to appear
at every word address in the device address space. In this Status Register ASO mode, the device interface waits
for a read access and, any write access is ignored. The next read access to the device accesses the content of the
Status Register, exits the Status Register ASO, and returns to the previous (calling) mode in which the Status
Register read command was received.
Similarly, commands that read and write other registers use Peripheral Register mode, in which the register
appears in a temporary ASO that is automatically exited after the read or write of the command selected register.
The read or write occurs in the last cycle of the register access command sequence.
In EA mode, the EAC is performing an Embedded Algorithm, such as programming or erasing a nonvolatile
memory array. While in EA mode, none of the Flash Memory Array is readable. While in EA mode, only the Program
/ Erase Suspend command or the Status Register Read command will be accepted. All other commands are
ignored. Thus, no other ASO may be entered from the EA mode.
In ASO mode, one of the remaining overlay address spaces is entered (overlaid on the Flash Memory Array address
map). Only one ASO may be entered at any one time. Commands to the device affect the currently entered ASO.
Only certain commands are valid for each ASO. These are listed in each ASO related section of Table 120.
The following ASOs have nonvolatile data that may be programmed to change 1s to 0s:
•SSR
• ASP Configuration Register (ASPR)
• Persistent Protection Bits (PPB)
•Password
• AutoBoot
•InfineonEndurance Flex architecture’s Data Pointers
• Only the PPB and AutoBoot ASOs have nonvolatile data that may be erased to change 0s to 1s.
When a program or erase command is issued while one of the nonvolatile ASOs is entered, the EA operates on the
ASO. The ASO is not readable while the EA is active. When the EA is completed the ASO remains entered and is
again readable. Suspend and Resume commands are ignored during an EA operating on any of these ASOs.
The Peripheral Register mode is used to manage the POR Timer, Interrupt Configuration Register, Interrupt
Status Register, Volatile Configuration Register, and the Nonvolatile Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com