Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 166 page
background image
Datasheet
73 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 37
Sector erase operation
4.11.2.1
Erase register transactions
The Erase Register (ERNC12_3_0) transactions provide a way to erase any Nonvolatile Device Register. The trans-
actions include unlock cycles.
The ERSERR bit in STRV[5] may be checked to determine if any error occurred during the operation.
4.11.2.2
Erase persistent protection bits (PPB)
The Erase Persistent Protect Bits (ERNPPB_2_1) transaction erases all PPB bits.
The ERSERR bit in STRV[5] may be checked to determine if any error occurred during the operation. Erase PPB
bit transaction will abort when trying to erase the PPB bits protected by PPBLCK (PPLV[0]) bit.
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Sector Erase Cycles:
Address 555h, Data 80h
Address 555h, Data AAh
Address 2AAh, Data 55h
Sector Address, Data 30h
FAIL. Write reset command
to return to reading array.
PASS. Device returns
to reading array.
Perform Write Operation
Status Algorithm
Unlock Cycle 1
Unlock Cycle 2
Yes
Yes
No
No
Done?
Erase Error?
Command Cycle 1
Command Cycle 2
Command Cycle 3
Specify first sector for erasure
Error condition (Exceeded Timing Limits)
Status may be obtained by Status Register Polling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com