Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 166 page
background image
Datasheet
70 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.10.1.8
Program persistent protection bits (PPB)
The Program Persistent Protect Bits (PGNPPB_2_1) transaction programs a bit in the PPB Register to protect the
addressed sector from being programed or erased.
The PRGERR bit in STRV[4] may be checked to determine if any error occurred during the operation. Program PPB
bit transaction will abort when trying to program the PPB bits protected by PPBLCK (PPLV[0]) bit.
4.10.1.9
Clear ECC status register transaction
The Clear ECC Status Register (CLRECC_1_1) transaction resets bit ECSV[4] (2-bit ECC Detection), bit ECSV[3]
(1-bit ECC Correction), INSV[1:0] ECC detection status bits.
4.10.1.10 Clear PPB lock bit
The Clear PPB Lock Bit (CLVPPL_2_1) transaction clears the PPB Lock Register PPLV[0] to 0. The PPBLCK bit is
used to protect the PPB bits. When PPLV[0] = 0, the PPB Program/Erase transaction will be aborted.
4.10.2
Legacy (x1) SPI
In SPI, before any program transaction can be accepted by the device, a Write Enable (WRENB_0_0) transaction
must be issued which sets the Write/Program Enable (WRPGEN) bit in Status Register 1 to enable program opera-
tions. When a program transaction is completed, the WRPGEN bit is reset to a ‘0’.
While the program transaction is in progress, the Status Register may be read to check the value of the Device
Ready/Busy (RDYBSY) bit. The RDYBSY bit is a ‘1’ during the self-timed program transaction, and is a ‘0’ when it is
completed.
The PGMERR bit may be checked to determine if any error occurred during the program transaction.
A program transaction applied to a sector that has been Write Protected through any of the protection schemes,
will not be executed and will set the PGMERR status fail bit.
4.10.2.1
Program granularity
The HS/L-T family supports multi-pass programming (bit walking) where programming a “0” over a “1” without
performing the sector erase operation. Bit-walking is allowed for the non-AEC-Q100 industrial temperature range
(40°C to +85°C) of this device. It is required to perform only one programming operation (single-pass
programming) on each ECC data unit between erase operations for the higher temperature range (40°C to
+105°C) and (40°C to +125°C) devices and all AEC-Q100 devices.
Multi-pass programming without an erase operation will disable the device’s ECC functionality for that data unit.
Note that if 2-bit ECC is enabled, multi-pass Programming within the same sector will result in a Program Error.
4.10.2.2
Page programming
Page Programming is done by loading a Page Buffer with data to be programmed and issuing a programming
command to move data from the buffer to the memory array. This sets an upper limit on the amount of data that
can be programmed with a single programming transaction. Page Programming allows up to a page size (either
256- or 512-bytes) to be programmed in one operation. The page size is determined by the Configuration Register
3 bit CFR3V[4]. The page is aligned on the page size address boundary. It is possible to program from one bit up
to a page size in each Page Programming operation. It is recommended that a multiple of 16-byte length and
aligned Program Blocks be written. This ensures that ECC is not disabled. For the very best Page Program
throughput, programming should be done in full pages of 512 bytes aligned on 512-byte boundaries with each
Page being programmed only once.
4.10.2.3
Program page transaction
The Program Page transaction (PRPGE_4_1) programs data into the memory array. If data more than a page size
(256B or 512B) is sent to the device, then the space between the starting address and the page aligned end
boundary, the data loading sequence will wrap from the last byte in the page to the zero byte location of the same
page and begin overwriting any data previously loaded in the page. If less than a page of data is sent to the device,
then the sent data bytes will be programmed in sequence, starting at the provided address within the page,
without having any effect on the other bytes of the same page. The programming process is managed by the
device internal control logic. The PRGERR bit indicates if an error has occurred in the programming transaction
that prevents successful completion of programming. This includes attempted programming of a protected area
(see Transaction table on page 124).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com