Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 50 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 166 page
background image
Datasheet
50 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.6.3
Configuration corruption detection (HYPERBUS™ interface)
If during device’s configuration update with HYPERBUS™ interface, such as erasing and writing to a Nonvolatile
Register, a power loss occurs, or a hardware reset is initiated, the Erase or Write Register transaction will get
interrupted. The device will return to Standby mode, but the Nonvolatile Register data is most likely corrupted
since the embedded erase or write operation was prematurely terminated.
SEMPER™ Flash with HYPERBUS™ interface will flag the PRGERR (STRV[4]) bit in case of a power loss occurs or a
hardware reset is initiated during erasing the Nonvolatile Configuration Register. Therefore, it is recommended
to poll the Status Register before writing the Nonvolatile Configuration registers. Upon detecting corruption in
the configuration, the device supports the read latency of 20 cycles.
Before initiating the normal operation, it is recommended to verify the device configuration after Nonvolatile
Register write operation. If the register value verification does not meet to the required configuration then it is
required to rewrite the configuration again in HYPERBUS™ interface.
4.6.4
Configuration corruption detection - (x1 Legacy SPI)
If during device’s configuration update with legacy SPI (1S-1S-1S) protocol, such as writing to a Nonvolatile
Register, a power loss occurs or a hardware reset is initiated, the write register transaction will get interrupted.
The device will return to Standby mode but the Nonvolatile Register data is most likely corrupted since the
embedded write operation was prematurely terminated. During the next power-up, the configuration corruption
is detected with appropriate failure flags displayed in the Status Register allowing rewriting the configuration
again. The device will maintain the configured protection scheme.
Table 36 shows the device’s Status Register bits upon detecting a configuration corruption.
Table 36
Status register 1 configuration corruption detection signature
Bit
Field name
Function
Detection signature
STR1V[7]
RESVRD
Reserved for Future Use
0
STR1V[6]
PRGERR
Programming Error Status Flag
1
STR1V[5]
ERSERR
Erasing Error Status Flag
0
STR1V[4]
RESVRD
Reserved for Future Use
0
STR1V[3]
0
STR1V[2]
0
STR1V[1]
WRPGEN
Write/Program Enable Status Flag
0
STR1V[0]
RDYBSY
Device Ready/Busy Status Flag
1
Table 37
Interface configuration upon detecting configuration corruption
Interface
Transactions supported
Address (# of bytes)
Frequency of operation
Output impedance
Legacy (x1) SPI
All SPI Transactions
4
Maximum
45 
Note
20. If you have Vcc within specifications and a hardware reset does not resolve the issue, replace the flash device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com