Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 166 page
background image
Datasheet
12 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
Figure 3
Read operation (Single initial latency)[4, 5, 6, 7, 8]
Write operations
A write operation starts with the first three clock cycles providing the CAx (Command / Address) information
indicating the transaction characteristics. The Burst Type bit CA[45] is “don’t care” because the SEMPER™ Flash
device only supports a single write transaction of 16-bit or a continuous linear write burst that is only supported
when loading data during a Word Program command. Immediately following the CA information the host is able
to transfer the write data on the DQ bus. The first byte (A) of data is presented on the rising edge of CK and the
second byte (B) is presented on the falling edge of CK. Write data is center aligned with the CK/CK# inputs. Write
transfers can be ended at any time by bringing CS# HIGH when CK = LOW and CK# = HIGH.
Figure 4
Write operation[4, 9, 10]
Notes
4. Transactions must be initiated with CK = LOW and CK# = HIGH. CS# must return HIGH before a new transaction is initiated.
5. Read access from the flash array starts once CA[23:16] is captured.
6. The read latency is defined by the Read Latency value in the Volatile Configuration Register (or the Nonvolatile Configuration Register).
7. In this example of a read operation, the Latency Count was set to four clocks.
8. Data out during a Register Read transaction is only valid during the first word output by the device. Subsequent data values output if CK/CK# continue
to toggle while CS# remains LOW are undefined.
9. DS will be driven Low as long as CS# is LOW but is not used during Write transactions.
10. Write operations are limited to a transaction of a single word (16-bit) or a linear write burst supported only when loading data during a Word Program
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com