Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 166 page
background image
Datasheet
17 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
2.4.1.4
Embedded algorithms (EA)
Changing the nonvolatile data in the memory array requires a complex sequence of operations that are called
Embedded Algorithms (EA). The algorithms are managed entirely by the device’s internal EAC. The main
algorithms perform programming and erase of the main array data and the ASOs in HYPERBUS™. The host system
writes command codes to the flash device address space. The EAC receives the commands, performs all the
necessary steps to complete the command, and provides status information during the progress of an EA.
2.4.1.5
Advanced sector protection (ASP) management
ASP provides protection methods to disable or enable programming or erase operations in any or all sectors. The
EAC manages this protection to maintain data integrity.
2.5
Register naming convention
Figure 14
Register naming convention
Figure 15
Register bit naming convention
2.6
HYPERBUS™ transaction naming convention
Figure 16
HYPERBUS™ transaction naming convention
REG#_N_[#:#]
Register Bit Location (e.g. [7:0])
Register Type
N = Nonvolatile
V = Volatile
O = OTP
4-Characters Register Name
RGBITS#
Number (if applicable)
6- Characters Register Bit Name
ABCDEF_#_#
Number of Clock Cycles
1 = Transaction requires one Clock Cycle
2 = Transaction requires two Clock Cycles
3 = Transaction requires three Clock Cycles
4 = Transaction requires four Clock Cycles
5 = Transaction requires five Clock Cycles
6 = Transaction requires six Clock Cycles
7 = Transaction requires seven Clock Cycles
6-Character Transaction Name Abbreviation
Address Space Overlay (ASO)
0 = Non-ASO Transaction
1 = ASO Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com