Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 166 page
background image
Datasheet
10 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
SEMPER™ Flash devices have built-in diagnostic features providing the host system with the device status.
• Program and erase operation: Reporting of program or erase success, failure and suspend statuses
• Error detection and correction: 1-bit and/or 2-bit error status with address trapping and error count
• Data integrity check: Error detection over memory array contents
• Interface CRC: Error detection over interface transactions
• SafeBoot: Reporting of proper flash device initialization and configuration corruption recovery
• Sector erase status: Reporting of erase success or failure status per sector
• Sector erase counter: Counts the number of erase cycles per sector
2.2
HYPERBUS™ transaction protocol
Transaction
All bus transactions can be classified as either read or write. A bus transaction is started with CS# going LOW with
CK = LOW and CK# = HIGH. The transaction to be performed is presented to the SEMPER™ Flash device during the
first three clock cycles in a DDR manner using all six clock edges. These first three clocks transfer three words of
Command / Address (CA0, CA1, CA2) information to define the transaction characteristics:
• Read or write transaction.
• Whether the transaction will be to the memory array or to register space.
- Although the HYPERBUS™ protocol provides for slave devices that have both memory and register address
spaces, SEMPER™ Flash memories described in this specification do not differentiate between memory and
registers as separate address spaces. There is a single address space selected by any transaction, independent
of whether the transaction indicates the target location is in memory space or register space. Write transac-
tions always place the transaction address and data into a command register set (buffer). Read transactions
returndatafrom thememoryarray orfromaregisteraddress spacewindowthathasbeen temporarilyoverlaid
within the single address space by the execution of commands. The single address space with register space
overlays methodology is backward compatible with legacy parallel NOR Flash devices.
• Whether a transaction will use a linear or wrapped burst sequence.
- Linearand wrapped burst are fully supported for readtransactions. SEMPER™ Flash also supports Hybrid burst
which combines one wrapped burst followed by linear burst.
- SEMPER™ Flash write transactions do not support burst sequence and ignore the burst type indication. Write
command transactions transfer a single word per write. Only the Word Program command write data transfer
may be done with a linear burst.
• The target half-page address (row and upper order column address).
• The target Word (within half-page) address (lower order column address).
Once the transaction has been defined, a number of idle clock cycles are used to satisfy any read latency require-
ments before data is transferred. Once the target data has been transferred the HYPERBUS™ master host
completes the transaction by driving CS# HIGH with CK = LOW and CK# = HIGH. Data is transferred as 16-bit values
with the first eight bits (15–8) transferred on a HIGH going CK (write data or CA bits) or DS edge (read data) and
the second eight bits (7–0) being transferred on the LOW going CK or DS edge. Data transfers during read or write
operations can be ended at any time by bringing CS# HIGH when CK = LOW and CK# = HIGH. Read data is edge
aligned with DS transitions and Write data is center aligned with clock edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com