Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 166 page
background image
Datasheet
42 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.5.1.7
Read password protection mode
The Read Password mode can replace the default Password protection mode on page 40. The Read Password
mode is enabled to replace the default PPB Password Protection mode when the user programs ASPR[5] = 0. The
Read Password mode is not active until the password is programmed and ASPR[2] is programmed to 0.
The Read Password Protection mode enables protecting the Flash Memory Array from read, program, and erase.
Only the lowest or highest (256KB) sector address range, selected by the Nonvolatile Configuration Register bits
xVCR1[9:8], remains readable until a successful Password Unlock command is completed. Note that reads from
the read-protected portion of the array will alias back to the readable sector.
In this mode, the PPB Lock bit is used to control the high order bits of address. When the PPB Lock bit is “1”, the
address bits operate normally. When the PPB Lock bit is “0”, the address bits that select a main array sector
address range are forced either to 0s or to 1s to select the lowest or highest address Flash Memory Array address
range. In SPI, TBPROT (CFR1x[5] is used for this address range selection whereas in HYPERBUS™, TB4KBS[1:0]
(CFR1x[9:8] bits are used.
Note that AutoBoot is disabled when the Read Password protection is enabled. The ATBR[0] (AutoBoot Enable)
bit is ignored in Read Password mode.
The PPB bits are protected from program and erase when the PPB Lock bit is 0, and may be programmed or
erased when the PPB Lock bit is 1.
The PPB Lock bit is set to 0 by POR or Hardware Reset, same as in PPB Password Protection mode.
The Read Password Protection scheme flowchart is shown in Figure 30.
Table 25
ASP configuration register selection of persistent and password protection modes
ASPO bit
Default value
Name
2
1
Persistent / Password Protection Mode Lock bits
ASPR[2:1] = 00: Not Allowed
ASPR[2:1] = 01: Password Mode Permanently Enabled
ASPR[2:1] = 10: Persistent Mode Permanently Enabled
ASPR[2:1] = 11: Persistent / Password Modes Disabled (factory default)
1
Table 26
HYPERBUS™ CFR1x mapping of boot block address range
CFR1x bit
Default value
Name
CFR1x[9:8]
11
00 = Map Parameter-Sectors and Read Password Sector mapped into lowest addresses.
01 = Map Parameter-Sectors and Read Password Sector mapped into highest addresses.
10 = Uniform Sectors with Read Password Sector mapped into lowest addresses.
11 = Uniform Sectors with Read Password Sector mapped into highest addresses.
Table 27
Legacy (x1) SPI CFR1x mapping of boot block address range
CFR1x bit
Default value
Name
CFR1x[5]
0
0 = Map Parameter-Sectors and Read Password Sector mapped into highest (top)
addresses.
1 = Map Parameter-Sectors and Read Password Sector mapped into lowest (bottom)
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com