Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 166 page
background image
Datasheet
78 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.12.2
Erase, program, or data integrity check resume
An Erase, Program, or Data Integrity Check Resume transaction must be written to resume a suspended
operation. After program or read operations are completed during a Program, Erase or Data Integrity Check
suspend, the Resume transaction is sent to resume the suspended operation.
After an Erase, Program, or Data Integrity Check Resume transaction is issued, the RDYBSY bit in Status Register
will be set to a 1 and the programming operation will resume if one is suspended. If no program operation is
suspended, the suspended erase operation will resume. If there is no suspended program, erase or data integrity
check operation, the resume transaction is ignored.
Program, Erase, or Data Integrity Check operations may be interrupted as often as necessary. For example, a
program suspend transaction could immediately follow a program resume transaction, but for a program or
erase operation to progress to completion there must be some period of time between resume and the next
suspend transaction greater than or equal to tPEDRS.
Figure 38 shows the flow of suspend and resume operation.
Table 57
Legacy (x1) SPI transactions allowed during suspend
Transaction name
Allowed during erase
suspend
Allowed during
program suspend
Allowed during data
integrity check suspend
Write Disable (WRDIS_0_0)
Yes
No
No
Read Status Register 1 (RDSR1_0_0, RDSR1_4_0)
Yes
Yes
Write Enable (WRENB_0_0)
No
No
Read Status Register 2 (RDSR2_0_0, RDSR2_4_0)
Yes
Yes
Program Page (PRPGE_4_1)
No
No
Read ECC Status (RDECC_4_0)
Yes
Yes
Clear ECC Status Register (CLECC_0_0)
Read PPB Lock Bit (RDPLB_0_0, RDPLB_4_0)
Yes
Yes
Resume Program / Erase / Data Integrity Check (RSEPD_0_0)
Program SSR (PRSSR_4_1)
No
No
Read SSR (RDSSR_4_0)
Yes
Yes
Read Unique ID (RDUID_0_0, RDUID_4_0)
Read SFDP (RSFDP_3_0, RSFDP_4_0)
Read Interface CRC Register (RDCRC_4_0)
Yes
Yes
Read Any Register (RDARG_4_0)
Software Reset Enable (SRSTE_0_0)
Clear Program and Erase Failure Flags (CLPEF_0_0)
Yes
Yes
Yes
Software Reset (SFRST_0_0)
Read Identification Register (RDIDIN_0_0, RDIDIN_4_0)
(manufacturer and device identification)
Yes
Yes
Suspend Program / Erase / Data Integrity Check (SPEPD_0_0)
No
No
Read DYB (RDDYB_4_0)
Yes
Yes
Read PPB (RDPPB_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com