Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 166 page
background image
Datasheet
8 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
2
Interface overview
2.1
General description
The CYPRESS™ SEMPER™ Flash family of products are high-speed CMOS, MIRRORBIT™NOR Flash devices that are
compliant with the JEDEC JESD251 eXpanded SPI (xSPI) specification. SEMPER™ Flash is designed for Functional
Safety with development according to ISO 26262 standard to achieve ASIL-B compliance and ASIL-D readiness.
SEMPER™ Flash with HYPERBUS™ interface devices support both the HYPERBUS™ interface as well as legacy (x1)
SPI. Both interfaces serially transfer transactions reducing the number of interface connection signals. SPI
supports SDR whereas HYPERBUS™ supports DDR.
The HYPERBUS™ interface (DDR) transfers two data bytes per clock cycle on the data (DQ) signals. A read or
program/write access consists of a series of 16-bit wide, one clock cycle data transfers at the internal HYPER-
FLASH™ core and two corresponding 8-bit wide, one-half-clock-cycle data transfers on the DQ signals. Both data
and command/address information are transferred in DDR fashion over the 8-bit data bus. The clock input signals
are used for signal capture by SEMPER™ Flash when receiving command/address/data information on the DQ
signals. The Read DS is an output from SEMPER™ Flash that indicates when data is being transferred from the
memory. DS is referenced to the rising and falling edges of CK during the data transfer portion of read operations.
Command/address/write-data values are center aligned with the clock edges and read-data values are edge
aligned with the transitions of DS.
Read and program/write operations to SEMPER™ Flash are burst oriented. Read transactions can be specified to
use either a wrapped or linear burst. During wrapped operation, accesses start at a selected location and
continue for a configured number of locations in a group wrap sequence. During linear operation accesses start
at a selected location and continue in a sequential manner until the read operation is terminated, when CS#
returns HIGH. Write transactions transfer one or more16-bit values.
Each random read accesses a 32-Byte length and aligned set of data called a page. Each page consists of a pair
of 16-byte aligned groups of array data called half-pages. Half-pages are aligned on 16-byte address boundaries.
A read access requires two clock cycles to define the target half-page address and the burst type, then an
additional initial latency. During the initial latency period the third clock cycle will specify the starting address
within the target half-page. After the initial data value has been output, additional data can be read from the page
on subsequent clock cycles in either a wrapped or linear manner. When configured in linear burst mode, while a
page is being burst out, the device will automatically fetch the next sequential page from the MIRRORBIT™ flash
memory array. This simultaneous burst output while fetching from the array allows for a linear sequential burst
operation that can provide a sustained output of 400/333-MBps data rate [1-Byte (8-bit data bus) * 2 (Data on both
clock edges) * 200/166MHz = 400/333-MBps]
The erased state of each memory bit is a logic 1. Programming changes a logic 1 (HIGH) to a logic 0 (LOW). Only
an erase operation can change a memory bit from a 0 to a 1. An erase operation must be performed on a complete
sector (4KB or 256KB).
SEMPER™ Flash provides a flexible sector architecture. The address space can be configured as either a uniform
256KB sector array, or a hybrid configuration 1 array where thirty-two 4KB sectors are either at the top or at the
bottom while the remaining sectors are all 256KB, or a hybrid configuration 2 array where the thirty-two 4KB
sectors are equally split between the top and the bottom while the remaining sectors are all 256KB.
The page programming buffer used during a single programming operation is configurable to either 256 bytes or
512 bytes. The 512 byte option provides the highest programming throughput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com