Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 166 page
background image
Datasheet
72 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.11
Erase
There are erase transactions for erasing data bits to 1 (all bytes are FFh). These program transactions can use any
of these two protocols:
• Legacy (x1) SPI interface with SDR - Erase the Memory Array and Persistent Protection Bits.
• HYPERBUS™ interface with DDR - Erase Registers, the Memory Array and Persistent Protection Bits.
• When the device is shipped from the factory the default erase state is all bytes are FFh.
4.11.1
HYPERBUS™
4.11.1.1
Chip erase
The Chip Erase function erases the entire Flash Memory Array. The device does not require the system to
preprogram prior to erase. The Embedded Erase Algorithm automatically programs and verifies the entire
memory for an all 0 data pattern prior to electrical erase. After a successful Chip Erase, all locations within the
device contain FFFFh. The system is not required to provide any controls or timings during these operations. The
Chip Erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by the Chip Erase command, which in turn invokes the
Embedded Erase Algorithm.
When the Embedded Erase Algorithm is complete, the EAC returns to the Standby state. Note that while the
Embedded Erase operation is in progress, the system cannot read valid data from the array. The system can
determine the status of the erase operation by reading the Status Register. See Error types and reporting -
HYPERBUS™ on page 80 for information on these status bits. Once the Chip Erase operation has begun, only a
Status Read, Hardware Reset, or Power cycle are valid. All other commands are ignored. However, a Hardware
Reset or Power Cycle immediately terminates the erase operation and returns to Read mode after tRPH time. If a
chip erase operation is terminated, the Chip Erase command sequence must be reinitiated once the device has
returned to the Standby state to ensure data integrity.
Sectors protected by the ASP DYB and PPB bits will not be erased. If a sector is protected during Chip Erase, Chip
Erase will skip the protected sector and continue with next sector erase. The Status Register Erase Status Bit and
Sector Lock Bit are not set to 1 by a failed erase on a protected sector.
Note that Chip Erase cannot be suspended.
4.11.2
Sector erase
The Sector Erase function erases one sector in the memory array. The device does not require the system to
preprogram prior to erase. The Embedded Erase Algorithm automatically programs and verifies the entire sector
for an all 0 data pattern prior to electrical erase. After a successful sector erase, all locations within the erased
sector contain FFFFh. The system is not required to provide any controls or timings during these operations. The
Sector Erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by the address of the sector to be erased, and the Sector Erase
command.
The system can determine the status of the erase operation by reading the Status Register.
Once the sector erase operation has begun, the Status Register Read and Erase Suspend commands are valid. All
other commands are ignored by the Embedded Algorithm Controller. However, note that a Hardware Reset
immediately terminates the erase operation and returns to Read mode after tRPH time. If a sector erase operation
is terminated, the Sector Erase command sequence must be reinitiated once the device has reset operation to
ensure data integrity. See Embedded algorithm controller (EAC) on page 16.
Sectors protected by the ASP DYB and PPB bits will not be erased. If an erase operation is attempted to a locked
sector the operation will be aborted and the failure will be indicated in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com