Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 166 page
background image
Datasheet
38 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 26
Data protection and security (Write/Program/Erase) schemes
4.5.1
Advanced sector protection (ASP)
The Advanced Sector Protection (ASP) scheme allows each memory array sector to be independently controlled
for protection against erasing or programming, either by volatile or nonvolatile locking features. The nonvolatile
locking configuration can also be locked, and password-protected.
The main memory array sectors are protected against erase and program by volatile (Dynamic Bits - DYB) and
nonvolatile (Persistent Protection Bits - PPB) protection bit pairs. Each DYB/PPB bit pair can be individually set
to '0' protecting the related sector or cleared to ‘1’ unprotecting the related sector. DYB protection bits can be
set and cleared as often as needed whereas PPB bits being nonvolatile must adhere to their respective
technology based endurance requirements. Figure 27 shows an overview of ASP.
Figure 27
Advanced sector protection (Nonvolatile)
Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com