Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 166 page
background image
Datasheet
83 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.15.2
Power-on reset (POR)
The device executes a POR process until a time delay of tPU has elapsed after the moment that VCC rises above
the minimum VCC threshold (see Figure 42 and Figure 43). The device must not be selected during power-up
(tPU). Therefore, CS# must rise with VCC. No commands may be sent to the device until the end of tPU. See
Table 129 for timing specifications.
RESET# is ignored during POR. If RESET# is LOW during POR and remains LOW through and beyond the end of
tPU, CS# must remain HIGH until tRS after RESET# returns HIGH.
Figure 42
Reset LOW at the end of POR
Figure 43
Reset HIGH at the end of POR
4.15.3
CS# signaling reset
The CS# Signaling Reset requires CS# and DQ0 signals. This reset method defines a signaling protocol, using
existing signals, to initiate an SPI flash hardware reset, independent of the device operating mode or number of
package pins.
The Signaling Protocol is shown in Figure 44. See Table 129 for timing specifications. The CS# signaling reset
steps are as follows:
• CS# is driven active LOW.
• CK remains stable in either HIGH or LOW state.
• CS# and DQ0 are both driven LOW.
• CS# is driven HIGH (inactive).
• Repeat the above four steps, each time alternating the state of DQ0 for a total of four times.
• Reset occurs after the fourth CS# cycle completes and it goes HIGH (inactive).
After the fourth CS# pulse, the slave triggers its internal reset, the device terminates any operation in progress,
makes all outputs high impedance, and ignores all read/write transactions for the duration of tRESET. Then the
device will be in standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com